Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32044MFKB Datasheet(PDF) 19 Page - Texas Instruments

Part # TLC32044MFKB
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044MFKB Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC32044MFKB Datasheet HTML 15Page - Texas Instruments TLC32044MFKB Datasheet HTML 16Page - Texas Instruments TLC32044MFKB Datasheet HTML 17Page - Texas Instruments TLC32044MFKB Datasheet HTML 18Page - Texas Instruments TLC32044MFKB Datasheet HTML 19Page - Texas Instruments TLC32044MFKB Datasheet HTML 20Page - Texas Instruments TLC32044MFKB Datasheet HTML 21Page - Texas Instruments TLC32044MFKB Datasheet HTML 22Page - Texas Instruments TLC32044MFKB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC+ = 5 V,
VCC− = −5 V, VDD = 5 V (unless otherwise noted)
total device, MSTR CLK frequency = 5.184 MHz, outputs not loaded
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = 4.75 V,
IOH = − 300 µA
2.4
V
VOL
Low-level output voltage
VDD = 4.75 V,
IOL = 2 mA
0.4
V
TLC32044C, TLC32045C
35
ICC +
Supply current from VCC +
TLC32044I, TLC32045I,
TLC32044E, TLC32044M
40
TLC32044C, TLC32045C
−35
mA
ICC −
Supply current from VCC −
TLC32044I, TLC32045I,
TLC32044E, TLC32044M
−40
mA
IDD
Supply current from VDD
TLC3204xC, E, I
fMSTR CLK = 5.184 MHz
7
IDD
Supply current from VDD
TLC32044M
fMSTR CLK = 5.184 MHz
8
Vref
Internal reference output voltage
TLC3204xC, E, I
3
3.3
V
Vref
Internal reference output voltage
TLC32044M
2.9
3.3
V
∝Vref
Temperature coefficient of internal reference voltage
200
ppm/
°C
ro
Output resistance at REF
100
k
Ω
receive amplifier input
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
TLC32044C, E, I
10
70
A/D converter offset error (filters in)
TLC32044M
10
85
mV
A/D converter offset error (filters in)
TLC32045C, I
10
75
mV
CMRR
Common-mode rejection ratio at IN +, IN −, or
TLC3204xC, E, I
See Note 6
55
dB
CMRR
Common-mode rejection ratio at IN +, IN −, or
AUX IN +, AUX IN −
TLC32044M
See Note 6
35
55
dB
ri
Input resistance at IN +, IN −, or AUX IN +, AUX IN −, REF
100
k
Ω
transmit filter output
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOO
Output offset voltage at OUT + OUT −
TLC3204xC, E, I
15
80
mV
VOO
Output offset voltage at OUT + OUT −
(single-ended relative to ANLG GND)
TLC32044M
15
75
mV
VOM
Maximum peak output voltage swing across RL at OUT + or OUT −
(single ended)
RL ≥ 300 Ω,
Offset voltage = 0
±3
V
VOM
Maximum peak output voltage swing between OUT + and OUT −
(differential output)
RL ≥ 600 Ω
±6
V
† All typical values are at TA = 25°C.
NOTE 6: The test condition is a 0-dBm, 1-kHz input signal with an 8-kHz conversion rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com