Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32044MFKB Datasheet(PDF) 25 Page - Texas Instruments

Part # TLC32044MFKB
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044MFKB Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLC32044MFKB Datasheet HTML 21Page - Texas Instruments TLC32044MFKB Datasheet HTML 22Page - Texas Instruments TLC32044MFKB Datasheet HTML 23Page - Texas Instruments TLC32044MFKB Datasheet HTML 24Page - Texas Instruments TLC32044MFKB Datasheet HTML 25Page - Texas Instruments TLC32044MFKB Datasheet HTML 26Page - Texas Instruments TLC32044MFKB Datasheet HTML 27Page - Texas Instruments TLC32044MFKB Datasheet HTML 28Page - Texas Instruments TLC32044MFKB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
low-pass filter transfer function†, SCF fclock = 288 kHz (see Note 9)
PARAMETER
TEST CONDITIONS
FREQUENCY RANGE
ADJUSTMENT ADDEND‡
MIN
TYP§
MAX
UNIT
f = 0 Hz to 3100 Hz
K1
× 0 dB
− 0.25
0
0.25
f = 3100 Hz to 3300 Hz
K1
× 0 dB
− 0.3
0
0.3
Filter gain,
TLC32044C,
f = 3300 Hz to 3650 Hz
K1
× 0 dB
− 0.5
0
0.5
TLC32044C,
TLC32044E,
Input signal reference is 0 dB
f = 3800 Hz
K1
× 2.3 dB
−3
−1
TLC32044E,
TLC32044I
Input signal reference is 0 dB
f = 4000 Hz
K1
× 2.7 dB
−17
−16
TLC32044I
f
≥ 4400 Hz
K1
× 3.2 dB
−40
f
≥ 5000 Hz
K1
× 0 dB
−65
f = 0 Hz to 3100 Hz
K1
× 0 dB
− 0.25
0
0.25
f = 3100 Hz to 3300 Hz
K1
× 0 dB
− 0.3
0
0.3
Filter gain,
f = 3300 Hz to 3500 Hz
K1
× 0 dB
− 0.5
0
0.5
Filter gain,
TLC32044M
Input signal reference is 0 dB
f = 3800 Hz
K1
× 2.3 dB
−3
− 0.5
dB
TLC32044M
Input signal reference is 0 dB
f = 4000 Hz
K1
× 2.7 dB
−17
−16
dB
f
≥ 4400 Hz
K1
× 3.2 dB
−40
f
≥ 5000 Hz
K1
× 0 dB
−65
f = 0 Hz to 3100 Hz
K1
× 0 dB
− 0.25
0
0.25
f = 3100 Hz to 3300 Hz
K1
× 0 dB
− 0.3
0
0.3
Filter gain,
f = 3300 Hz to 3650 Hz
K1
× 0 dB
− 0.5
0
0.5
Filter gain,
TLC32045C,
TLC32045I
Input signal reference is 0 dB
f = 3800 Hz
K1
× 2.3 dB
−3
−1
TLC32045C,
TLC32045I
Input signal reference is 0 dB
f = 4000 Hz
K1
× 2.7 dB
−17
−16
f
≥ 4400 Hz
K1
× 3.2 dB
−40
f
≥ 5000 Hz
K1
× 0 dB
−65
† See filter curves in typical characteristics
‡ The MIN, TYP, and MAX specifications are given for a 288-kHz SCF clock frequency. A slight error in the 288-kHz SCF may result from
inaccuracies in the MSTR CLK frequency, resulting from crystal frequency tolerances. If this frequency error is less than 0.25%, the
ADJUSTMENT ADDEND should be added to the MIN, TYP, and MAX specifications, where K1 = 100
⋅[(SCF frequency − 288 kHz) / 288 kHz].
For errors greater than 0.25%, see Note 8.
§ All typical values are at TA = 25°C.
NOTE 9: The filter gain outside of the passband is measured with respect to the gain at 1 kHz. The filter gain within the passband is measured
with respect to the average gain within the passband. The passbands are 150 to 3600 Hz and 0 to 3600 Hz for the bandpass and
low-pass filters respectively. For switched-capacitor filter clocks at frequencies other than 288 kHz, the filter response is shifted by the
ratio of switched-capacitor filter clock frequency to 288 kHz.
serial port
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IOH = − 300 µA
2.4
V
VOL
Low-level output voltage
IOL = 2 mA
0.4
V
II
Input current
±10
µA
Ci
Input capacitance
15
pF
Co
Output capacitance
15
pF
† All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com