Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32044MFKB Datasheet(PDF) 35 Page - Texas Instruments

Part # TLC32044MFKB
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044MFKB Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLC32044MFKB Datasheet HTML 31Page - Texas Instruments TLC32044MFKB Datasheet HTML 32Page - Texas Instruments TLC32044MFKB Datasheet HTML 33Page - Texas Instruments TLC32044MFKB Datasheet HTML 34Page - Texas Instruments TLC32044MFKB Datasheet HTML 35Page - Texas Instruments TLC32044MFKB Datasheet HTML 36Page - Texas Instruments TLC32044MFKB Datasheet HTML 37Page - Texas Instruments TLC32044MFKB Datasheet HTML 38Page - Texas Instruments TLC32044MFKB Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 16
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
2.5
2.0
1.0
0.5
0.0
1.5
AIC RECEIVE CHANNEL
BANDPASS FILTER
Frequency − kHz
Low-Pass SCF Clock f = 288 kHz
High-Pass SCF Clock f = 8 kHz
TA = 25°C
Input =
±3-V Sine wave
Figure 17
2.5
2
1
0.5
0
4.5
1.5
0.5
1
1.5
2
2.5
3
3.5
3
4
5
3.5
4
4.5
5
Normalized Frequency − kHz
×
SCF Clock Frequency
288 kHz
AIC (sin x)/x CORRECTION FILTER
SCF Clock f = 288 kHz
TA = 25°C
Input =
±3-V Sine wave
Figure 18
4
2
−2
0
0
0.5
1
1.5
2
2.5
3
6
AIC (sin x)/x CORRECTION FILTER
3.5
4
4.5
5
Normalized Frequency − kHz
×
SCF Clock Frequency
288 kHz
(sin x)/x
Correction
Filter
Error
D/A Converter (sin x)/x
Distortion for TB Register = 36
−4
−6
Figure 19
50
40
20
10
0
90
30
−10
0
10
70
60
80
100
A/D SIGNAL-TO-DISTORTION RATIO
vs
INPUT-SIGNAL LEVEL
Input Signal Relative to Vref − dB
1-kHz Input Signal
8-kHz Conversion Rate
Gain = 4x
Gain = 1x
−50
− 40
−30
− 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com