Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32044MFKB Datasheet(PDF) 30 Page - Texas Instruments

Part # TLC32044MFKB
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044MFKB Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLC32044MFKB Datasheet HTML 26Page - Texas Instruments TLC32044MFKB Datasheet HTML 27Page - Texas Instruments TLC32044MFKB Datasheet HTML 28Page - Texas Instruments TLC32044MFKB Datasheet HTML 29Page - Texas Instruments TLC32044MFKB Datasheet HTML 30Page - Texas Instruments TLC32044MFKB Datasheet HTML 31Page - Texas Instruments TLC32044MFKB Datasheet HTML 32Page - Texas Instruments TLC32044MFKB Datasheet HTML 33Page - Texas Instruments TLC32044MFKB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
correction results
Table 5 shows the optimum p values and the corresponding correction results for 8000-Hz and 9600-Hz
sampling rates.
Table 5. Optimum P Values
f (Hz)
ERROR (dB)
fs = 8000 Hz
p1 = − 0.14813
ERROR (dB)
fs = 9600 Hz
p1 = − 0.1307
f (Hz)
fs = 8000 Hz
p1 = − 0.14813
p2 = 0.9888
fs = 9600 Hz
p1 = − 0.1307
p2 = 0.9951
300
− 0.099
− 0.043
600
− 0.089
− 0.043
900
− 0.054
0
1200
− 0.002
0
1500
0.041
0
1800
0.079
0.043
2100
0.100
0.043
2400
0.091
0.043
2700
− 0.043
0
3000
− 0.102
− 0.043
TMS(SMJ)320 software requirements
The digital correction filter equation can be written in state variable form as follows:
Y = k1
× Y + k2 × U
where
k1 = p1
k2 = (1 − p1)
× p2
Y = filter state
U = next I/O sample
The coefficients k1 and k2 must be represented as 16-bit integers. The SACH instruction (with the proper shift)
yields the correct result. With the assumption that the TMS(SMJ)320 processor page pointer and memory
configuration are properly initialized, the equation can be executed in seven instructions or seven cycles with
the following program:
ZAC
LT K2
MPY U
LTA K1
MPY Y
APAC
SACH (dma), (shift)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com