Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32044MFKB Datasheet(PDF) 27 Page - Texas Instruments

Part # TLC32044MFKB
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044MFKB Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLC32044MFKB Datasheet HTML 23Page - Texas Instruments TLC32044MFKB Datasheet HTML 24Page - Texas Instruments TLC32044MFKB Datasheet HTML 25Page - Texas Instruments TLC32044MFKB Datasheet HTML 26Page - Texas Instruments TLC32044MFKB Datasheet HTML 27Page - Texas Instruments TLC32044MFKB Datasheet HTML 28Page - Texas Instruments TLC32044MFKB Datasheet HTML 29Page - Texas Instruments TLC32044MFKB Datasheet HTML 30Page - Texas Instruments TLC32044MFKB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
serial port — AIC output signals
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tc(SCLK)
Shift clock (SCLK) cycle time
380
ns
tf(SCLK)
Shift clock (SCLK) fall time
50
ns
tr(SCLK)
Shift clock (SCLK) rise time
50
ns
Shift clock (SCLK) duty cycle
45
55
%
td(CH-FL)
Delay from SCLK
↑ to FSR/FSX↓
CL = 50 pF
52
ns
td(CH-FH)
Delay from SCLK
↑ to FSR/FSX↑
CL = 50 pF
52
ns
td(CH-DR)
DR valid after SCLK
↑
90
ns
td(CH-EL)
Delay from SCLK
↑ to EODX/EODR↓ in word mode
90
ns
td(CH-EH)
Delay from SCLK
↑ to EODX/EODR↑ in word mode
90
ns
tf(EODX)
EODX fall time
15
ns
tf(EODR)
EODR fall time
15
ns
td(CH-EL)
Delay from SCLK
↑ to EODX/EODR↓ in byte mode
100
ns
td(CH-EH)
Delay from SCLK
↑ to EODX/EODR↑ in byte mode
100
ns
td(MH-SL)
Delay from MSTR CLK
↑ to SCLK↓
65
ns
td(MH-SH)
Delay from MSTR CLK
↑ to SCLK↑
65
ns
serial port — AIC output signals, TLC32044M
MIN
TYP†
MAX
UNIT
tc(SCLK)
Shift clock (SCLK) cycle time
400
ns
tf(SCLK)
Shift clock (SCLK) fall time
50
ns
tr(SCLK)
Shift clock (SCLK) rise time
50
ns
Shift clock (SCLK) duty cycle
50
%
td(CH-FL)
Delay from SCLK
↑ to FSR/FSX↓
260
ns
td(CH-FH)
Delay from SCLK
↑ to FSR/FSX↑
260
ns
td(CH-DR)
DR valid after SCLK
↑
316
ns
td(CH-EL)
Delay from SCLK
↑ to EODX/EODR↓ in word mode
280
ns
td(CH-EH)
Delay from SCLK
↑ to EODX/EODR↑ in word mode
280
ns
tf(EODX)
EODX fall time
15
ns
tf(EODR)
EODR fall time
15
ns
td(CH-EL)
Delay from SCLK
↑ to EODX/EODR↓ in byte mode
100
ns
td(CH-EH)
Delay from SCLK
↑ to EODX/EODR↑ in byte mode
100
ns
td(MH-SL)
Delay from MSTR CLK
↑ to SCLK↓
65
ns
td(MH-SH)
Delay from MSTR CLK
↑ to SCLK↑
65
ns
† Typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com