Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LP5526TL/NOPB
Description  Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526TL/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP5526TL/NOPB Datasheet HTML 11Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 12Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 13Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 14Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 15Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 16Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 17Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 18Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
ON
ON
ON
FRAME
50 Ps/20 kHz
RED
GREEN
BLUE
RGB
Ð
RED
25%
GREEN
25%
BLUE
50%
ON
ON
ON
FRAME
50 és/20 kHz
RED
GREEN
BLUE
LP5526
www.ti.com
SNVS431D – FEBRUARY 2006 – REVISED MARCH 2013
Overlapping Mode
In overlapping mode the brightness is controlled using PWM duty cycle based control method as Figure 16
shows.
Figure 16. Overlapping Mode
Since RGB outputs are on simultaneously, the maximum load peak current is:
IMAX = I(RLED)MAX + I(GLED)MAX + I(BLED)MAX
(1)
Non-Overlapping Mode
The timing diagram shows the split R, G and B and brightness control effect to split parts. Full brightness is used
in the diagram. If for example ½ brightness is used, the frame is still 50µs, but all LED outputs’ ON time is 50%
shorter and at the last 25µs all LED outputs are OFF.
Figure 17. Non-Overlapping Mode
The non-overlapping mode has 16 programmed colors (different R, G and B ratio -> different color). Since the R,
G and B are split into non-overlapping slots the output current through the RGB LED can be calculated with
following equation:
IAVG=(CR×IR+CG×IG+CB×IB)×B
(2)
where
C = Color [%] (see Table 4)
B = Brightness [%] (see Table 3)
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com