Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Part # LP5526TL/NOPB
Description  Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526TL/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP5526TL/NOPB Datasheet HTML 27Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 28Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 29Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 30Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 31Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 32Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 33Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 34Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
LP5526
www.ti.com
SNVS431D – FEBRUARY 2006 – REVISED MARCH 2013
CONTROL REGISTER (00H) – RGB LEDS CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
RGB_PWM
EN_RGB
CC_SW
RSW
GSW
BSW
RW - 0
RW - 0
RW - 1
R - 0
RW - 0
RW - 0
RW - 0
R - 0
0 - Internal RGB PWM control disabled
RGB_PWM
Bit 7
1 - Internal RGB PWM control enabled
0 – RGB outputs disabled
EN_RGB
Bit 6
1 – RGB outputs enabled
0 – Constant current sink mode
CC_SW
Bit 5
1 – Switch mode
0 – RLED disabled
RSW
Bit 3
1 – RLED enabled
0 – GLED disabled
GSW
Bit 2
1 – GLED enabled
0 – BLED disabled
BSW
Bit 1
1 – BLED enabled
RGB (01H) – RGB COLOR AND BRIGHTNESS CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
COLOR[3:0]
BRIGHT[2:0]
OVL
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
COLOR[3:0]
Bits 7-4
PWM color for RGB outputs
BRIGHT[2:0]
Bits 3-1
PWM brightness control for RGB outputs
0 – Overlapping mode disabled
OVL
Bit 0
1 – Overlapping mode enabled
RGB MAX CURRENT (02H) – MAXIMUM RGB CURRENT CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
SAFETY_SET
IR[1:0]
IG[1:0]
IB[1:0]
R - 0
R - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
0 – safety function not activated
SAFETY_SET
Bit 7
1 – safety function activated
IR[1:0]
Bits 5-4
RLED maximum current
IG[1:0]
Bits 3-2
GLED maximum current
IB[1:0]
Bits 1-0
BLED maximum current
Table 13. Maximum Current for RGB driver
IR,IG,IB[1:0]
Maximum Output Current
00
0.25 × IMAX
01
0.50 × IMAX
10
0.75 × IMAX
11
1.00 × IMAX
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com