Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LP5526TL/NOPB
Description  Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526TL/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP5526TL/NOPB Datasheet HTML 21Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 22Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 23Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 24Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 25Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 26Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 27Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 28Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
LP5526
www.ti.com
SNVS431D – FEBRUARY 2006 – REVISED MARCH 2013
Table 9. GPIO DATA (07H)
Name
Bit
Description
DATA[2:0]
2:0
Data bits
GPIO control register is used to set the direction of each GPIO pin. For example, by setting OEN0 bit high the
GPIO[0]/PWM pin acts as a logic output pin with data defined DATA0 in GPIO data register. Note, that the
EN_PWM_PIN bit overrides OEN0 state by forcing GPIO[0]/PWM to act as PWM input. GPIO[1] and GPIO[2]
pins can be selected to be inputs or outputs, defined by OEN1 and OEN2 bit status. PWM functionality is valid
only for GPIO[0]/PWM pin. GPIO data register contains the data of GPIO pins. When output direction is selected
to GPIO pin, then GPIO data register defines the output pin state. When GPIO data register is read, it contains
the state of the pin despite of the pin direction.
Table 10. Logic Interface Characteristics(VDDIO = 1.65V...VDD1,2 unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
LOGIC INPUT SCL, SDA, GPIO[0:2]
VIL
Input low level
0.2×VDDIO
V
VIH
Input high level
0.8 ×
V
VDDIO
II
Logic input current
−1.0
1.0
µA
fSCL
Clock frequency
400
kHz
LOGIC INPUT NRST
VIL
Input low level
0.5
V
VIH
Input high level
1.2
V
II
Input current
-1.0
1.0
µA
tNRST
Reset pulse width
10
µs
LOGIC OUTPUT SDA
VOL
Output low level
ISDA = 3mA
0.3
0.5
V
VOH
Output high level
ISDA = -3mA
VDDIO −
VDDIO −
0.5
0.3
IL
Output leakage current
VSDA = 2.8V
1.0
µA
LOGIC OUTPUT GPIO[0:2]
VOL
Output low level
IGPIO = 2 mA
0.3
0.5
V
IGPIO = -2 mA
VDDIO −
VDDIO −
VOH
Output high level
V
0.5
0.3
IL
Output leakage current
VGPIO = 2.8V
1.0
µA
I
2C Compatible Interface
I2C SIGNALS
The SCL pin is used for the I2C clock and the SDA pin is used for bidirectional data transfer. Both these signals
need a pull-up resistor according to I2C specification.
I2C DATA VALIDITY
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, state of
the data line can only be changed when CLK is LOW.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LP5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com