Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LP5526TL/NOPB
Description  Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526TL/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5526TL/NOPB Datasheet HTML 6Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 7Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 8Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 9Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 10Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 11Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 12Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 13Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
LP5526
SNVS431D – FEBRUARY 2006 – REVISED MARCH 2013
www.ti.com
MAGNETIC BOOST DC/DC CONVERTER ELECTRICAL CHARACTERISTICS
Parameter
Test Conditions
Min
Typ
Max
Unit
ILOAD
Maximum non-continuous load
3.0V
≤ VIN ≤ 3.2V
140
current(1)
VOUT = 20V
mA
3.2V < VIN
150
VOUT = 20V
ILOAD
Maximum continuous load current
3.0V = VIN
100
VOUT = 20V
VOUT
Output voltage accuracy
3.0V
≤ VIN ≤ 5.5V
−2.3
+2.3
%
(FB pin)
VOUT = 20V
-1.7
+1.7
RDSON
Switch ON resistance
ISW = 0.5A
0.15
0.3
Ω
fPWM
PWM mode switching frequency
RT = 82 k
Ω
1.0
MHz
Frequency accuracy
RT = 82 k
Ω
−7
+7
%
−9
+9
tPULSE
Switch pulse minimum width
no load
45
ns
tSTARTUP
Startup time
Boost startup from STANDBY to VOUT = 20V,
15
ms
no load
IMAX
SW pin current limit
1500
1850
mA
(1)
Maximum non-continuous currents rates as short pulses (t < 1s). Exposure to maximum rating conditions for extended periods may
affect device reliability.
BOOST STANDBY MODE
User can set the Boost Converter to STANDBY mode by writing the register bit EN_BOOST low. When
EN_BOOST is written high, the converter starts for 20ms in low current PWM mode and then goes to normal
PWM mode. All LED outputs are off during the 20ms delay to ensure smooth startup.
BOOST OUTPUT VOLTAGE CONTROL
User can control the boost output voltage by Boost Output 8-bit register.
Boost Output [7:0]
Boost Output
Register 0DH
Voltage (typical)
Bin
Dec
0000 1000
8(1)
8.0V
0000 1001
9
9.0V
0000 1010
10
10.0V
0000 1011
11
11.0V
0000 1100
12
12.0V
0000 1101
13
13.0V
0000 1110
14
14.0V
0000 1111
15
15.0V
0001 0000
16
16.0V
0001 0001
17
17.0V
0001 0010
18
18.0V
0001 0011
19
19.0V
0001 0100
20(2)
20.0V
(1)
If register value is lower than 8, then value of 8 is used internally.
(2)
If register value is higher than 20, then value of 20 is used internally.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com