Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LP5526TL/NOPB
Description  Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526TL/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP5526TL/NOPB Datasheet HTML 15Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 16Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 17Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 18Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 19Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 20Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 21Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 22Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
LP5526
www.ti.com
SNVS431D – FEBRUARY 2006 – REVISED MARCH 2013
When RLED, GLED and BLED are connected together as in Figure 1, flash current can be adjusted with 8.33%
step in constant current mode by changing RGB max current register values as seen in Table 6. Note that 0%
means that appropriate output is turned off by setting RSW, GSW or BSW bit to 0.
Table 6.
Total Current
IR [%]
IG [%]
IB [%]
[%]
0
0
25
8.33
0
0
50
16.67
0
0
75
25.00
0
0
100
33.33
0
25
100
41.67
0
50
100
50.00
0
75
100
58.33
0
100
100
66.67
25
100
100
75.00
50
100
100
83.33
75
100
100
91.67
100
100
100
100
Using Flash Mode
In this mode Flash is triggered with external PWM pin and pre-flash brightness is adjusted by adjusting the RGB
max current values. After flash pulse flash led will be shut down.
•
Write the pre-flash current values to RGB max current register
•
Enable RGB functions and disable PWM mode (EN_RGB = 1, RGB_PWM = 0)
•
Enable flash mode (EN_FLASH = 1), make sure GPIO[0]/PWM pin is in low state
•
Enable external PWM pin (EN_PWM_PIN = 1)
•
Start pre-flash by switching on the LEDs (RSW = 1, GSW = 1, BSW = 1). Pre-flash brightness can be
affected also by setting on only one or two LEDs
•
Use EN_EXT_R_PWM, EN_EXT_G_PWM and EN_EXT_B_PWM bits to select which LED outputs are used
for flash
•
Start flash pulse by setting GPIO[0]/PWM pin high and stop it by setting GPIO[0]/PWM pin low
•
During the flash pulse the LED outputs with EN_EXT_x_PWM bit enabled give out maximum current,
regardless of RGB max current register value or XSW values
NOTE
EN_FLASH bit must be set low, and then high again before it is possible to make a new
flash pulse.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com