Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LP5526TL/NOPB
Description  Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526TL/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP5526TL/NOPB Datasheet HTML 25Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 26Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 27Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 28Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 29Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 30Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 31Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 32Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
LP5526
www.ti.com
SNVS431D – FEBRUARY 2006 – REVISED MARCH 2013
INDUCTOR, L1
A 10uH shielded inductor is suggested for LP5526 boost converter. The inductor should have a saturation
current rating higher than the RMS current it will experience during circuit operation (1300mA). Less than 300m
Ω
ESR is suggested for high efficiency and sufficient output current. Open core inductors cause flux linkage with
circuit components and interfere with the normal operation of the circuit. This should be avoided. For high
efficiency, choose an inductor with a high frequency core material such as ferrite to reduce the core losses. To
minimize radiated noise, use a toroid, pot core or shielded core inductor. The inductor should be connected to
the SW pin as close to the IC as possible. Examples of suitable inductors are: TDK SLF6028T-100M1R3,
Coilcraft MSS6122-103MLB.
LIST OF RECOMMENDED EXTERNAL COMPONENTS
Symbol
Symbol explanation
Value
Unit
Type
CVDD
C between VDD1,2 and GND
100
nF
Ceramic, X7R / X5R
CVDDIO
C between VDDIO and GND
100
nF
Ceramic, X7R / X5R
CVDDA
C between VDDA and GND
1
µF
Ceramic, X7R / X5R
C between FB and GND
2 x 4.7 or 1 x
µF
Ceramic, X7R / X5R, tolerance +/-
10
COUT
10%
Maximum DC bias effect at 20V
-50
%
CIN
C between battery voltage and GND
10
µF
Ceramic, X7R / X5R
L between SW and VBAT
10
µH
L1
Shielded inductor, low ESR
Saturation current
1300
mA
CVREF
C between VREF and GND
100
nF
Ceramic, X7R / X5R
RRGB
R between IRGB and GND
2.4
k
Ω
±1%
RRT
R between IRT and GND
82
k
Ω
±1%
Rectifying diode (Vf at maximum load)
0.3-0.5
V
D1
Reverse voltage
30
V
Schottky diode
Repetitive peak current
1500
mA
CSW
C in EMI filter
100
pF
Ceramic, X7R / X5R, 50V
RSW
R in EMI filter
390
Ω
±1%
LEDs
User Defined
Note: See Application Note AN-1442 "Design and Programming Examples for Lighting Management Unit
LP5526" SNVA145 for more information on how to design with LP5526
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LP5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com