Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LP5526TL/NOPB
Description  Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526TL/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP5526TL/NOPB Datasheet HTML 16Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 17Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 18Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 19Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 20Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 21Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 22Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 23Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
EN_RGB
RGB_PWM
RGB max
current reg
XSW
RGB total current
0A
Max current
Pre-flash
Flash
Pre-flash current value
GPIO[0]/PWM
EN_PWM_PIN
LP5526
SNVS431D – FEBRUARY 2006 – REVISED MARCH 2013
www.ti.com
Figure 20. Using Flash Mode
FLASH SAFETY TIMER FUNCTION
Flash safety function can be used to prevent damages due to possible overheating when flash or RGB LEDs
have been stuck on because of software or user error. Safety function has two operation modes:
1. Disabling selected RGB drivers when no writing has been done to the RGB max current register (address
02H) for 1 second
2. Disabling selected RGB drivers if the external flash trigger pulse is longer than 1 second
Flash safety function can be individually enabled for all RGB LED drivers (EN_SAFETY_R, EN_SAFETY_G,
EN_SAFETY_B). The safety function operation mode depends on the state of EN_FLASH bit.
1. EN_FLASH = 0: Safety counter starts counting when at least one of the EN_SAFETY_X bits is enabled.
Safety counter can be cleared by executing an I2C read or write sequence to address 02H. If safety counter
reaches one second, the LEDs which have the safety function enabled, are switched off. Also the read-only
bit SAFETY_SET is set high.
2. EN_FLASH = 1: Safety counter starts counting when the external flash trigger pulse starts (GPIO[0]/PWM
goes high) and stops counting when flash pulse stops (GPIO[0]/PWM goes low). If flash pulse is longer than
one second, the LEDs which have the safety function enabled, are switched off. Also the read-only bit
SAFETY_SET is set high.
In both cases (EN_FLASH = 0/1) after one second is reached and the LEDs which safety bit has been enabled
are switched off, the LED state can be restored by disabling the safety function of the corresponding LED.
Counter can be cleared only by disabling all safety bits (EN_SAFETY_R = 0, EN_SAFETY_G = 0,
EN_SAFETY_B = 0), I2C read or write sequence to address 02H does not clear the counter when safety function
has been activated.
20
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com