Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Part # LP5526TL/NOPB
Description  Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526TL/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP5526TL/NOPB Datasheet HTML 28Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 29Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 30Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 31Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 32Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 33Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 34Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 35Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
LP5526
SNVS431D – FEBRUARY 2006 – REVISED MARCH 2013
www.ti.com
WLED CONTROL (03H) – WLED CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
SLOPE
FADE_SEL
EN_FADE
DISPL
EN_MAIN
EN_SUB
R - 0
R - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
0 – fade execution time 0.65 sec (full scale)
SLOPE
Bit 5
1 – fade execution time 1.3 sec (full scale)
0 – fade control for MAIN
FADE_SEL
Bit 4
1 – fade control for SUB
0 – automatic fade disabled
EN_FADE
Bit 3
1 – automatic fade enabled
0 - MAIN and SUB individual control
DISPL
Bit 2
1 - MAIN and SUB controlled with MAIN DAC
0 – MAIN output disabled
EN_MAIN
Bit 1
1 – MAIN output enabled
0 – SUB output disabled
EN_SUB
Bit 0
1 – SUB output enabled
MAIN CURRENT (04H) – MAIN CURRENT CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
MAIN[7:0]
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
SUB CURRENT (05H) – SUB CURRENT CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
SUB[7:0]
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
RW - 0
Table 14. MAIN, SUB Current Adjustment
MAIN[7:0], SUB[7:0]
Typical Driver Current (mA)
0000 0000
0
0000 0001
0.1
0000 0010
0.2
0000 0011
0.3
0000 0100
0.4
…
…
1111 1101
25.3
1111 1110
25.4
1111 1111
25.5
GPIO CONTROL (06H) – GPIO CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
EN_PWM_PI
OEN[2:0]
N
R - 0
R - 0
R - 0
RW - 0
R - 0
RW - 0
RW - 0
RW - 0
0 – External PWM pin disabled
EN_PWM_PIN
Bit 4
1 – External PWM pin enabled
0 – GPIO pin set as a input
OEN[2:0]
Bits 2-0
1 – GPIO pin set as a output
32
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com