Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5526TL/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Part # LP5526TL/NOPB
Description  Lighting Management Unit With High-Voltage Boost Converter With up to 150-mA Serial Flash LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5526TL/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP5526TL/NOPB Datasheet HTML 26Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 27Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 28Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 29Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 30Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 31Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 32Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 33Page - Texas Instruments LP5526TL/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
LP5526
SNVS431D – FEBRUARY 2006 – REVISED MARCH 2013
www.ti.com
Table 11. LP5526 Control Register Names and Default Values
ADDR
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
(HEX)
RGB_PWM
EN_RGB
CC_SW
RSW
GSW
BSW
00
Control Register
0
0
1
0
0
0
COLOR[3:0]
BRIGHT[2:0]
OVL
01
RGB
0
0
0
0
0
0
0
0
SAFETY_SE
IR[1:0]
IG[1:0]
IB[1:0]
T
02
RGB max current
0
0
0
0
0
0
0
SLOPE
FADE_SEL
EN_FADE
DISPL
EN_MAIN
EN_SUB
03
WLED Control
0
0
0
0
0
0
MAIN[7:0]
04
MAIN Current
0
0
0
0
0
0
0
0
SUB[7:0]
05
SUB Current
0
0
0
0
0
0
0
0
EN_PWM_P
OEN[2:0]
IN
06
GPIO Control
0
0
0
0
DATA[2:0]
07
GPIO Data
0
0
0
NSTBY
EN_BOOST
EN_FLASH
EN_AUTOL
OAD
0B
Enables
0
0
0
1
BOOST[7:0]
0D
Boost Output
0
0
0
0
1
0
0
0
EN_SAFET
EN_SAFET
EN_SAFET
EN_EXT_R_
EN_EXT_G_
EN_EXT_B_
EN_MAIN_P
EN_SUB_P
Y_R
Y_G
Y_B
PWM
PWM
PWM
WM
WM
2B
PWM Enable
0
0
0
0
0
0
0
0
LP5526 Register Bit Explanations
Each register is shown with a key indicating the accessibility of the each individual bit, and the initial condition:
Table 12. Register Bit Accessibility and Initial Condition
Key
Bit Accessibility
RW
Read/write
R
Read only
–0,–1
Condition after POR
30
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP5526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com