Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727TMX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LP8727TMX/NOPB
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727TMX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP8727TMX/NOPB Datasheet HTML 12Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 13Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 14Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
LP8727
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
www.ti.com
INTERRUPT STATUS
The LP8727 has 2 interrupt status registers, INT_STAT1 and INT_STAT2. These interrupt conditions are
generated from VBUS comparator, D+/D
− & ID detection, changes of SEND/END & MR_COMP states and
charger events. When any of these interrupt conditions occur, then the open drain output (INT\) will be brought
low. This signals to the BB processor that an interrupt has occurred. The BB processor will then read all two
INT_STAT1 and INT_STAT2 registers sequentially through the serial interface to determine which bit caused the
interrupt. Once the status register indicates the actual interrupt condition starts to be read, the INT\ output will be
brought high immediately. However, INT_STAT1 and INT_STAT2 registers will not be cleared after being read by
the BB processor and will always represent the current status.
INT\ OUTPUT
A serial interface read of each of the interrupt status registers immediately pulls up INT\ output. If an interrupt is
captured during a read sequence, the INT\ will not go low until at least 24 serial clocks (SCL) have occurred. Any
pending interrupts will be cleared once the LP8727 goes into SHUTDOWN mode.
DEVICE STATUS
The LP8727 has 2 device status registers, STATUS1 and STATUS2. These registers can be read via the serial
interface in much the same way as the interrupt status registers.
These registers will not be cleared on a read and will always represent the current state.
Device Identification
The LP8727 can recognize various accessories attached to Micro/Mini USB connector by detecting VBUS, D+,
D
− and ID pins. The detection comparators have a 60 ms of debounce timer. The device identification flow is
shown in Figure 4.
16
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com