Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727TMX/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LP8727TMX/NOPB
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727TMX/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP8727TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 22Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 23Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 24Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 25Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 26Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
LP8727
www.ti.com
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
•
If system voltage is higher than UVLO and OPVM, then UVLO_N state is set to '1'.
Using different values for UVLO and OPVM provides a window for voltage drops under high-load working
conditions.
UVLO_N state '0' indicates that the voltage is below normal working range, so the system is not allowed to start
up. This state can also cause the system to shut down.
UVLO_N state '1' indicates that the voltage is in normal working range, so the system is allowed to start up and
operate.
State transition '1'
→ '0' causes an UVLO interrupt, which can be sent to INT\ output.
Support Functions
REFERENCE
The LP8727 has internal reference block creating all necessary references and biasing for all blocks.
OSCILLATOR
There is internal oscillator giving clock to the logic control.
VVBAT = 3.7V
PARAMETER
TYP
MIN
MAX
UNIT
Oscillator Frequency
31
29
33
kHz
THERMAL SHUTDOWN
The thermal shutdown (TSHD) function monitors the chip temperature to protect the chip from temperature
damage caused by excessive power dissipation. When the chip temperature exceeds 160°C, “1” is written to
TSHD bit on INT_STAT2 register and INT\ is pulled to low and then the LP8727 will initiates SHUTDOWN. The
STARTUP operation after TSHD trigger can be initiated only after the chip has cooled down to the +115°C
threshold.
PARAMETER
TYP
UNIT
TSDH(1)
160
°C
TSDH Hysteresis(1)
45
(1)
specified by design.
CHIP TEMPERATURE MONITOR
The LP8727 supports the chip temperature monitoring feature. When the chip temperature reaches each
temperature threshold, TMP bit on INT_STAT2 will be set to “1”, and it will pull INT\ output low. The chip
temperature can be obtained by reading TMP_STAT bits on STATUS2 register.
TMP_STAT
000
001
010
011
TEMPERATURE
75°C
95°C
115°C
125°C
I
2C-Compatible Serial Bus Interface
INTERFACE BUS OVERVIEW
The I2C-compatible synchronous serial interface provides access to the programmable functions and registers on
the device.
This protocol uses a two-wire interface for bi-directional communications between the ICs connected to the bus.
The two interface lines are the Serial Data Line (SDA), and the Serial Clock Line (SCL). These lines should be
connected to a positive supply, via a pull-up resistor of 1.5 k
Ω and remain HIGH even when the bus is idle.
Every device on the bus is assigned a unique address and acts as either a Master or a Slave depending on
whether it generates or receives the SCL.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com