Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727TMX/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Part # LP8727TMX/NOPB
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727TMX/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP8727TMX/NOPB Datasheet HTML 14Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
LP8727
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
www.ti.com
Table 1. Device Indentification Index (continued)
ID RESISTOR
ADC VALUE
ADC VOLTAGE
D+ CONDITION
D
−CONDITION
VBUS [V]
FUNCTION
[k
Ω]
1001
75.60%
620
Reserved
1000
68.20%
430
Reserved
0111
62.20%
330
Reserved
0110
54.50%
240
Reserved
TA for North
0101
47.40%
180
5
America
0100
39.40%
130
TX
RX
5
UART (Factory)
0011
33.30%
100
Reserved
0010
21.90%
56
D+
D-
5
USB (Factory)
0001
12.50%
28.7
VZW
0000
0%
MIC
Speaker
Speaker
Microphone
0000
0%
GND
D+
D-
USB OTG
DETECTION VALUES with 2.2 k
Ω PULL-UP RESISTOR
1011 to 1000
100% to 68.2%
Reserved
0111 to 0100
62.2% to 39.4%
Typical Microphone
001 to 0001
33.3% to 12.5%
Reserved
0000
0%
GND
D+
D-
USB OTG
DETECTION VALUES with 620
Ω PULL-UP RESISTOR
1011 to 0001
100% to 12.5%
Reserved
0000
0%
GND
D+
D
−
USB OTG
USB DETECTION
The LP8727 can detect dedicated charger, standard downstream port and charging downstream port based on
USB Battery Charging Specification Revision 1.1. In order to avoid false detection before data (D+ and D
−)
connection, the LP8727 supports ‘Data Contact Detect’ feature.
18
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com