Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727TMX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LP8727TMX/NOPB
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727TMX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP8727TMX/NOPB Datasheet HTML 13Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 14Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
DEVICE PLUG-IN
ADC = 0000?
START
REFER TO
DEVICE ID INDEX
SWITCH to 2.2k:
PULL-UP
ADC = 0000?
EAR JACK
DETECTED
ADC = 0000?
SWITCH to 620:
PULL-UP
YES
YES
YES
NO
NO
USB OTG
DETECTED
RETURN
ADC = 1011?
NO
USB DETECTION
DCPORT = 1?
CHPORT = 1?
DEDICATED
CHARGER
DETECTED
USB HOST/HUB
CHARGER
DETECTED
YES
YES
NO
NO
YES
ID DETECTION
(200k: PULL-UP)
NO
ADC = 0010?
PRODUCTION
TEST MODE
(USB)
NO
ADC = 0100?
PRODUCTION
TEST MODE
(UART)
YES
YES
NO
LP8727
www.ti.com
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
Figure 4. Device Identification Diagram
ID DETECTION
When the external device is connected to Micro/Mini USB connector, the LP8727 reads the voltage of ID pin
using an ADC while the ID pin is pulled up to the output of ID DETECTION LDO (typ. 2.3V) through the internal
200 k
Ω resistor. If ADC value code is 4’h0000, the LP8727 will change the pullup resistor from 200 kΩ to 2.2 kΩ
and eventually to 620
Ω step-by-step for detecting microphone and USB OTG. In case that the first ADC reading
gives 4’h1011, then the LP8727 will start USB detection according to USB Battery Charging Specification
Revision 1.1.
Table 1. Device Indentification Index
ID RESISTOR
ADC VALUE
ADC VOLTAGE
D+ CONDITION
D
−CONDITION
VBUS [V]
FUNCTION
[k
Ω]
DETECTION VALUES with 200 k
Ω PULL-UP RESISTOR
1011
100%
OPEN
15 k
Ω to GND
15 k
Ω to GND
5
USB Cable
1011
100%
OPEN
Shorted to D
−
Shorted to D+
5.6
TA Charger
1010
81.90%
910
Reserved
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com