Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727TMX/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LP8727TMX/NOPB
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727TMX/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP8727TMX/NOPB Datasheet HTML 15Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 16Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 22Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
20
100
50
200
500 1k 2k
5k 10k 20k
(Hz)
10
1
0.1
0.01
0.001
0.0001
10
100
1k
-100
-80
-60
-40
-20
0
20
MHz
On Loss
Off Isolation
Crosstalk
10
100
1k
-100
-80
-60
-40
-20
0
20
MHz
On Loss
Off Isolation
Crosstalk
10
100
1k
-100
-80
-60
-40
-20
0
20
MHz
On Loss
Off Isolation
Crosstalk
LP8727
www.ti.com
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
Operating Characteristics
USB Eye Diagram (480 MHz)
UART Eye Diagram (480 MHz)
Figure 5.
Figure 6.
USB Frequency Response (10 MHz - 1GHz)
UART Frequency Response (10 MHz - 1GHz)
Figure 7.
Figure 8.
Audio Frequency Response (10 MHz - 1GHz)
AUD1 THD+N (RL = 30Ω)
Figure 9.
Figure 10.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com