Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727TMX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LP8727TMX/NOPB
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727TMX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP8727TMX/NOPB Datasheet HTML 17Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 18Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 22Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 23Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 24Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
LP8727
www.ti.com
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
SINGLE INPUT LINEAR CHARGER
The LP8727 has a built-in Li-Ion/Li-Poly battery management system. Its main features are:
•
Single-input linear charger
•
Wide array of battery charging current options
•
Flexible charging cycle control
•
Thermal regulation
•
Safety timer in Pre-charge mode
BATTERY CHARGER FUNCTION
A charge management system allowing safe charge and maintenance of a Li-Ion battery is implemented on the
LP8727.
Following the correct detection of a voltage at the charger input, the charger enters pre-charge mode. In this
mode the battery is charged with a small constant current. Pre-charge settings are available in register 0x08, and
these values are remembered as long as the LP8727 is on. IPRECHG bits select the battery current in pre-charge
mode. If battery reaches the level set by VFULLRATE, then the charger will move on to full charging mode.
TPRECHARGE sets the maximum pre-charge time, after which the battery will be isolated, protecting it from further
charging.
In full charging mode full-rate constant current is applied to the battery, to raise the voltage to the termination
level. The charging current is programmable via CHG_SET bits. When termination voltage is reached, the
charger is in constant voltage mode, and a constant voltage is maintained. After reaching the end-of-charge
condition, the charge management isolates the battery and enters the maintenance mode.
Maintenance mode enables the battery voltage to be maintained at the correct level. If restart conditions have
been met, then the charge cycle is re-initiated to re-establish the termination voltage level.
END-OF-CHARGE AND RESTART
When EOC condition is met, the LP8727 will generate an interrupt to the processor and the processor is
responsible to control the charger operation (top-off or maintenance mode) via I2C.
Once the charger goes into maintenance mode (stop charging), the processor is also responsible for monitoring
the battery voltage and restarting the charger when the battery voltage drops to restart voltage.
PRODUCTION TEST MODE (PTM)
When PTM bit is set, then the charger enters special high-load mode. In this mode the charger should be able to
supply up to 2.3A.
OVER-VOLTAGE PROTECTION
A built-in over-voltage protection (OVP) ensures that the charger can withstand high voltages (up to 28V) on
VBUS input. When VBUS voltage exceeds the OVP threshold (typ. 6.9V), the charger operation is disabled in
order to protect the charger from breakdown. When VBUS voltage drops below the OVP threshold, the charger
automatically resumes its charging function.
THERMAL REGULATION
When the die temperature of the charger reaches the thermal regulation threshold (typ. 115°C), the thermal
regulation loop dynamically reduces the charging current to prevent the charger from being overheated. As the
die temperature drops below the thermal regulation threshold, the charging current will be automatically
increased back to the programmed charging current setting.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com