Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727TMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LP8727TMX/NOPB
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727TMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP8727TMX/NOPB Datasheet HTML 1Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 2Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 3Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 4Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 5Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 6Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 7Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 8Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LP8727
www.ti.com
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
Micro/Mini USB Interface with Integrated 28V Charger
Check for Samples: LP8727
1
FEATURES
APPLICATIONS
2
•
USB Multiplexing Switches
•
GSM, GPRS, EDGE, CDMA & WCDMA
handsets
–
High-Speed USB on USB and UART Inputs
•
Portable Media Players / MP3 Players
–
Negative Voltage Rail on Audio Inputs
–
Internal LDO for ID Detection and MIC Bias
DESCRIPTION
–
Compatible with USB Charging
The
LP8727
is
designed
to
provide
automatic
Specification Rev. 1.1
multiplexing
switches
between
Micro/Mini
USB
–
DSS Input for Default Switch Connection
connector and USB, UART and Audio paths in
cellular phone applications. It also contains a single-
–
Low-Power MIC Standby Mode
input Li-Ion battery charger and an overvoltage-
•
Linear Charge with Single Input
protected LDO. Programming is handled via an I2C-
–
28 OVP on VBUS Input
compatible
Serial
Interface
allowing
control
of
charger, multiplexing switches, and reading status
–
High-Current Mode for Production Test
information of the device.
–
Thermal Regulation
The multiplexing switches on USB and UART support
•
Over-Voltage Protected LDO for USB
high-speed USB, and Audio inputs can be driven to
Transceivers and PMU Wakeup
negative voltage rail. The LP8727 is compatible with
•
UVLO (Undervoltage Lock Out)
USB charging specifications rev 1.1 from USB IF.
•
Interrupt Request to Reduce SW Polling
The Li-Ion charger requires few external components
–
USB / ID Detection
and integrates the power FET. Charging is thermally
–
SEND / END Button Detection
regulated to obtain the most efficient charging rate for
a given ambient temperature. It has Overvoltage
–
Mic Removal
Protection (OVP) circuit at the charger input protects
–
OVLO / UVLO on VBUS
the PMU from input voltages up to +28V, eliminating
–
Charger Status
the need for any external protection circuitry.
•
Thermal Shutdown Protection
An overvoltage-protected LDO which can supply up
•
I2C-compatible Serial Interface
to 50 mA is designed for powering up a low-voltage
USB transceiver or waking up a PMU (Power
•
25-Bump 0.4 mm Pitch Thin DSBGA Package
Management Unit) when an external power source
(either USB VBUS or wall adapter) is connected to
the USB connector.
The LP8727 PMU is available in 25-bump 0.4 mm
pitch thin DSBGA package (2.015 mm x 2.015 mm).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP8727TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8727TMX-B/NOPB TI2-LP8727TMX-B/NOPB Datasheet
758Kb / 32P
Micro/Mini USB Interface with Integrated 28V Charger
REVISED MAY 2013
LP8727TMX-B/NOPB.A TI2-LP8727TMX-B/NOPB.A Datasheet
758Kb / 32P
Micro/Mini USB Interface with Integrated 28V Charger
REVISED MAY 2013
More results

Similar Description - LP8727TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8888C MITEL-MT8888C Datasheet
302Kb / 16P
Integrated DTMFTransceiver with Intel Micro Interface
MT8889C MITEL-MT8889C Datasheet
356Kb / 18P
Integrated DTMFTransceiver with Adaptive Micro Interface
logo
Freescale Semiconductor...
MC13883 FREESCALE-MC13883 Datasheet
343Kb / 2P
Integrated Charger, USB On-the-Go Transceiver and Carkit Interface
MC13883 FREESCALE-MC13883_10 Datasheet
997Kb / 64P
Integrated Charger USB Interface
logo
STMicroelectronics
STUSBCD01B STMICROELECTRONICS-STUSBCD01B Datasheet
460Kb / 19P
USB charger detection interface
18-Nov-2008
logo
Maxim Integrated Produc...
MAX14656 MAXIM-MAX14656 Datasheet
422Kb / 3P
USB Charger Detection with Integrated Overvoltage Protector
Rev 0; 12/12
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
logo
Maxim Integrated Produc...
MAX14592E MAXIM-MAX14592E Datasheet
1Mb / 26P
USB Charger Detection with Integrated Overvoltage Protector
Rev 2 3/12
MAX20332 MAXIM-MAX20332_V01 Datasheet
1Mb / 27P
USB Charger Detection with Integrated Overvoltage Protector
2018
MAX14646E MAXIM-MAX14646E Datasheet
1Mb / 26P
USB Charger Detection with Integrated Overvoltage Protector
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com