Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727TMX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LP8727TMX/NOPB
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727TMX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP8727TMX/NOPB Datasheet HTML 1Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 2Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 3Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 4Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 5Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 6Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 7Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 8Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LDO
(2.3V/2.6V)
ID/Ear Jack Detection
USB Charger
Detection
USB Detection
USB 2.0 High
Speed
UART
AUDIO
Serial Interface
and
Control
BB
28V Charger
-
GND
LP8727
VBAT
DN
DP
U1
U2
AUD1
AUD2
MIC
VBUS
SCL
SDA
INT\
D+
D-
ID
CAP
RES
GND
3.5V
1 F
USB Xcvr or
PMU
DSS
10 F
1 F
I/O Supply
USB LDO
28V OVP
50 mA @
4.85V EXPDET
1 F
Default
Switch
Status
UVLO
OSC
EPROM
Voltage
Reference
Charge
Pump
Thermal
Shutdown
C1COMP
1.8V
VCC Supply
100 k:
ADC
+
-
+
-
VCC
LP8727
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
www.ti.com
Typical Application Diagram
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com