Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8727TMX/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LP8727TMX/NOPB
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727TMX/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP8727TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 22Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 23Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 24Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 25Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 26Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 27Page - Texas Instruments LP8727TMX/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
SDA
SCL
S
P
START CONDITION
STOP CONDITION
Data Line
Stable:
Data Valid
Change
of Data
Allowed
SDA
SCL
LP8727
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
www.ti.com
DATA TRANSACTIONS
One data bit is transferred during each clock pulse. Data is sampled during the high state of the SCL.
Consequently, throughout the clock’s high period, the data should remain stable. Any changes on the SDA line
during the high state of the SCL and in the middle of a transaction, aborts the current transaction. New data
should be sent during the low SCL state. This protocol permits a single data line to transfer both
command/control information and data using the synchronous serial clock.
Figure 14. Bit Transfer
Each data transaction is composed of a Start Condition, a number of byte transfers (set by the software) and a
Stop Condition to terminate the transaction. Every byte written to the SDA bus must be 8 bits long and is
transferred with the most significant bit first. After each byte, an Acknowledge signal must follow. The following
sections provide further details of this process.
START AND STOP
The Master device on the bus always generates the Start-and-Stop Conditions (control codes). After a Start
Condition is generated, the bus is considered busy, and it retains this status until a certain time after a Stop
Condition is generated. A high-to-low transition of the data line (SDA) while the clock (SCL) is high indicates a
Start Condition. A low-to-high transition of the SDA line while the SCL is high indicates a Stop Condition.
Figure 15. Start-and-Stop Conditions
In addition to the first Start Condition, a repeated Start Condition can be generated in the middle of a transaction.
This allows another device to be accessed, or a register read cycle.
ACKNOWLEDGE CYCLE
The Acknowledge Cycle consists of two signals: the acknowledge clock pulse the master sends with each byte
transferred, and the acknowledge signal sent by the receiving device. The master generates the acknowledge
clock pulse on the ninth clock pulse of the byte transfer. The transmitter releases the SDA line (permits it to go
high) to allow the receiver to send the acknowledge signal. The receiver must pull down the SDA line during the
acknowledge clock pulse and ensure that SDA remains low during the high period of the clock pulse, thus
signaling the correct reception of the last data byte and its readiness to receive the next byte.
24
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com