Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745DPTP3 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320C6745DPTP3 Datasheet HTML 1Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 2Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 3Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 4Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 5Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 6Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 7Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 8Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
The peripheral set includes: a 10/100 Mbps Ethernet MAC (EMAC) with a management data input/output
(MDIO) module; two I2C Bus interfaces; 3 multichannel audio serial ports (McASPs) with 16/9 serializers
and FIFO buffers; two 64-bit general-purpose timers each configurable (one configurable as watchdog); a
configurable 16-bit host-port interface (HPI) [TMS320C6747 only]; up to 8 banks of 16 pins of general-
purpose input/output (GPIO) with programmable interrupt/event generation modes, multiplexed with other
peripherals; 3 UART interfaces (one with both RTS and CTS); three enhanced high-resolution pulse width
modulator (eHRPWM) peripherals; three 32-bit enhanced capture (eCAP) module peripherals which can
be configured as 3 capture inputs or 3 auxiliary pulse width modulator (APWM) outputs; two 32-bit
enhanced quadrature encoded pulse (eQEP) peripherals; and 2 external memory interfaces: an
asynchronous and SDRAM external memory interface (EMIFA) for slower memories or peripherals, and a
higher speed memory interface (EMIFB) for SDRAM.
The
Ethernet
Media
Access
Controller
(EMAC)
provides
an
efficient
interface
between
the
TMS320C6745/6747 device and the network. The EMAC supports both 10Base-T and 100Base-TX, or 10
Mbps and 100 Mbps in either half- or full-duplex mode. Additionally, an MDIO interface is available for
PHY configuration.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections later in this document
and the associated peripheral reference guides.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TMS320C6745
HLQFP (176)
24.00 mm x 24.00 mm
TMS320C6747
BGA (256)
17.00 mm x 17.00 mm
(1)
For more information on these devices, see Section 8, Mechanical Packaging and Orderable
Information.
Copyright © 2008–2014, Texas Instruments Incorporated
TMS320C6745, TMS320C6747 Fixed- and Floating-Point Digital Signal
3
Processor
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com