Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745DPTP3 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320C6745DPTP3 Datasheet HTML 1Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 2Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 3Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 4Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 5Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 6Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 7Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 8Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
Table of Contents
1
TMS320C6745, TMS320C6747 Fixed- and
6.11
External Memory Interface B (EMIFB)
.............. 98
Floating-Point Digital Signal Processor
............. 1
6.12
Memory Protection Units
.......................... 106
1.1
Features
.............................................. 1
6.13
MMC / SD / SDIO (MMCSD)
....................... 109
1.2
Applications
........................................... 2
6.14
Ethernet Media Access Controller (EMAC)
........ 112
1.3
Description
............................................ 2
6.15
Management Data Input/Output (MDIO)
........... 117
1.4
Functional Block Diagram
............................ 4
6.16
Multichannel Audio Serial Ports (McASP0, McASP1,
and McASP2)
...................................... 119
2
Revision History
......................................... 6
6.17
Serial Peripheral Interface Ports (SPI0, SPI1)
..... 132
3
Device Overview
......................................... 8
6.18
Enhanced Capture (eCAP) Peripheral
............. 151
3.1
Device Characteristics
................................ 8
6.19
Enhanced Quadrature Encoder (eQEP)
3.2
Device Compatibility
.................................. 9
Peripheral
.......................................... 154
3.3
DSP Subsystem
..................................... 10
6.20
Enhanced High-Resolution Pulse-Width Modulator
3.4
Memory Map Summary
............................. 21
(eHRPWM)
......................................... 156
3.5
Pin Assignments
.................................... 26
6.21
LCD Controller
..................................... 160
3.6
Terminal Functions
.................................. 28
6.22
Timers
.............................................. 175
4
Device Configuration
.................................. 56
6.23
Inter-Integrated Circuit Serial Ports (I2C0, I2C1)
.. 177
4.1
Boot Modes
......................................... 56
6.24
Universal Asynchronous Receiver/Transmitter
4.2
SYSCFG Module
.................................... 57
(UART)
............................................. 182
4.3
Pullup/Pulldown Resistors
.......................... 59
6.25
USB1 Host Controller Registers (USB1.1 OHCI)
.. 184
5
Device Operating Conditions
........................ 60
6.26
USB0 OTG (USB2.0 OTG)
........................ 185
5.1
Absolute Maximum Ratings Over Operating Case
6.27
Host-Port Interface (UHPI)
......................... 193
Temperature Range
6.28
Power and Sleep Controller (PSC)
................ 200
(Unless Otherwise Noted)
................................. 60
6.29
Programmable Real-Time Unit Subsystem
5.2
Handling Ratings
.................................... 60
(PRUSS)
........................................... 203
5.3
Recommended Operating Conditions
............... 61
6.30
Emulation Logic
.................................... 206
5.4
Notes on Recommended Power-On Hours (POH)
. 62
6.31
IEEE 1149.1 JTAG
................................ 209
5.5
Electrical Characteristics Over Recommended
6.32
Real Time Clock (RTC)
............................ 211
Ranges of Supply Voltage and Operating Case
7
Device and Documentation Support
.............. 214
Temperature (Unless Otherwise Noted)
............ 63
7.1
Device Support
..................................... 214
6
Peripheral Information and Electrical
Specifications
........................................... 64
7.2
Documentation Support
............................ 215
6.1
Parameter Information
.............................. 64
7.3
Community Resources
............................. 216
6.2
Recommended Clock and Control Signal Transition
7.4
Related Links
...................................... 216
Behavior
............................................. 65
7.5
Trademarks
........................................ 216
6.3
Power Supplies
...................................... 65
7.6
Electrostatic Discharge Caution
................... 216
6.4
Reset
................................................ 66
7.7
Glossary
............................................ 216
6.5
Crystal Oscillator or External Clock Input
........... 69
8
Mechanical Packaging and Orderable
6.6
Clock PLLs
.......................................... 71
Information
............................................. 217
6.7
Interrupts
............................................ 75
8.1
Thermal Data for ZKB
............................. 217
6.8
General-Purpose Input/Output (GPIO)
.............. 79
8.2
Thermal Data for PTP
............................. 218
6.9
EDMA
............................................... 82
8.3
Supplementary Information About the 176-pin PTP
PowerPAD™ Package
............................. 218
6.10
External Memory Interface A (EMIFA)
.............. 87
8.4
Packaging Information
............................. 219
Copyright © 2008–2014, Texas Instruments Incorporated
Table of Contents
5
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com