Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745DPTP3 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 29Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 30Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 31Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 32Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 33Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 34Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 35Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 36Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
3.6.6
Serial Peripheral Interface Modules (SPI0, SPI1)
Table 3-11. Serial Peripheral Interface (SPI) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
ZKB
SPI0
UART0, EQEP0B,
SPI0_SCS[0] /UART0_RTS/EQEP0B/GP5[4]/BOOT[4]
9
N4
I/O
IPU
SPI0 chip select
GPIO, BOOT
UART0, EQEP0A,
SPI0_ENA /UART0_CTS/EQEP0A/GP5[3]/BOOT[3]
12
R5
I/O
IPU
SPI0 enable
GPIO, BOOT
SPI0_CLK/EQEP1I/GP5[2]/BOOT[2]
11
T5
I/O
IPD
eQEP1, GPIO, BOOT SPI0 clock
SPI0 data slave-in-
SPI0_SIMO[0]/EQEP0S/GP5[1]/BOOT[1]
18
P6
I/O
IPD
master-out
eQEP0, GPIO, BOOT
SPI0 data slave-
SPI0_SOMI[0]/EQEP0I/GP5[0]/BOOT[0]
17
R6
I/O
IPD
out-master-in
SPI1
SPI1_SCS[0] /UART2_TXD/GP5[13]
8
P4
I/O
IPU
SPI1 chip select
UART2, GPIO
SPI1_ENA /UART2_RXD/GP5[12]
7
R4
I/O
IPU
SPI1 enable
SPI1_CLK/EQEP1S/GP5[7]/BOOT[7]
16
T6
I/O
IPD
eQEP1, GPIO, BOOT SPI1 clock
SPI1 data slave-in-
SPI1_SIMO[0]/I2C1_SDA/GP5[6]/BOOT[6]
14
N5
I/O
IPU
master-out
I2C1, GPIO, BOOT
SPI1 data slave-
SPI1_SOMI[0]/I2C1_SCL/GP5[5]/BOOT[5]
13
P5
I/O
IPU
out-master-in
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2008–2014, Texas Instruments Incorporated
Device Overview
33
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com