Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745DPTP3 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 51Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 52Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 53Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 54Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 55Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 56Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 57Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 58Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
3.6.23 Unused USB0 (USB2.0) and USB1 (USB1.1) Pin Configurations
If one or both USB modules on the device are not used, then some of the power supplies to those
modules may not be required. This can eliminate the requirement for a 1.8V power supply to the USB
modules. The required pin configurations for unused USB modules are shown below.
Table 3-28. Unused USB0 and USB1 Pin Configurations
SIGNAL NAME
Configuration
Configuration
(When USB0 and USB1 are not used)
(When USB0 is used
and USB1 is not used)
USB0_DM
No connect
Use as USB0 function
USB0_DP
No connect
Use as USB0 function
USB0_VDDA33
No connect
3.3V
USB0_VDDA18
No connect
1.8V
USB0_ID
No connect
Use as USB0 function
USB0_VBUS
No connect
Use as USB0 function
USB0_DRVVBUS/GP4[15]
No connect or use as alternate function
Use as USB0 or alternate function
USB0_VDDA12
Internal USB0 PHY output connected to an external 0.22
μF filter capacitor
USB1_DM
No connect
VSS
USB1_DP
No connect
VSS
USB1_VDDA33
No connect
No connect
USB1_VDDA18
No connect
No connect
AHCLKX0/AHCLKX2/USB_REFCLKIN/
No connect or use as alternate function
Use as USB0 or alternate function
GP2[11]
Copyright © 2008–2014, Texas Instruments Incorporated
Device Overview
55
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com