Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745DPTP3 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 44Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 45Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 46Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 47Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 48Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 49Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 50Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 51Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
3.6.19
Liquid Crystal Display Controller (LCD)
Table 3-24. Liquid Crystal Display Controller (LCD) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
ZKB
EMA_D[15]/UHPI_HD[15]/LCD_D [15]/GP0[15]
-
M16
I/O
IPD
EMA_D[14]/UHPI_HD[14]/LCD_D[14]/GP0[14]
-
N14
I/O
IPD
EMA_D[13]/UHPI_HD[13]/LCD_D[13]/GP0[13]
-
N16
I/O
IPD
EMA_D[12]/UHPI_HD[12]/LCD_D[12]/GP0[12]
-
P14
I/O
IPD
EMIFA, UHPI,
GPIO
EMA_D[11]/UHPI_HD[11]/LCD_D[11 ]/GP0[11]
-
P16
I/O
IPD
EMA_D[10]/UHPI_HD[10]/LCD_D[10]/GP0[10]
-
R14
I/O
IPD
EMA_D[9]/UHPI_HD[9]/LCD_D[9]/GP0[9]
-
T14
I/O
IPD
EMA_D[8]/UHPI_HD[8]/LCD_D[8]/GP0[8]
-
N12
I/O
IPD
LCD data bus
EMA_A[0]/LCD_D[7]/GP1[0]
-
T9
I/O
IPD
EMIFA, GPIO
EMA_A[3]/LCD_D[6]/GP1[3]
-
N9
I/O
IPD
EMIFA, UHPI,
EMA_BA[1]/LCD_D[5]/UHPI_HHWIL/GP1[13]
-
P8
I/O
IPU
GPIO
EMA_BA[0]/LCD_D[4]/GP1[14]
-
R8
I/O
IPU
EMA_A[4]/LCD_D[3]/GP1[4]
-
T10
I/O
IPD
EMA_A[5]/LCD_D[2]/GP1[5]
-
R10
I/O
IPD
EMA_A[6]/LCD_D[1]/GP1[6]
-
P10
I/O
IPD
EMA_A[7]/LCD_D[0]/GP1[7]
-
N10
I/O
IPD
EMIFA, GPIO
EMA_A[8]/LCD_PCLK/GP1[8]
-
T11
O
IPU
LCD pixel clock
EMA_A[9]/LCD_HSYNC/GP1[9]
-
R11
O
IPU
LCD horizontal sync
EMA_A[10]/LCD_VSYNC/GP1[10]
-
N8
O
IPU
LCD vertical sync
LCD AC bias enable
EMA_A[11]/ LCD_AC_ENB_CS /GP1[11]
-
P11
O
IPU
chip select
EMA_A[12]/LCD_MCLK/GP1[12]
-
N11
O
IPU
LCD memory clock
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
48
Device Overview
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com