Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745DPTP3 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320C6745DPTP3 Datasheet HTML 1Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 2Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 3Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 4Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 5Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 6Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 7Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 8Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 227 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
TMS320C6745, TMS320C6747 Fixed- and Floating-Point Digital Signal Processor
1
TMS320C6745, TMS320C6747 Fixed- and Floating-Point Digital Signal Processor
1.1
Features
1
Bit Multiplies, Four 16 x 16-Bit Multiplies, or
• Software Support
Eight 8 x 8-Bit Multiplies per Clock Cycle,
– TI DSP/BIOS™
and Complex Multiples
– Chip Support Library and DSP Library
– Instruction Packing Reduces Code Size
• 375- and 456-MHz TMS320C674x VLIW DSP
– All Instructions Conditional
• C674x Instruction Set Features
– Hardware Support for Modulo Loop
– Superset of the C67x+ and C64x+ ISAs
Operation
– Up to 3648 MIPS and 2736 MFLOPS C674x
– Protected Mode Operation
– Byte-Addressable (8-, 16-, 32-, and 64-Bit Data)
– Exceptions Support for Error Detection and
– 8-Bit Overflow Protection
Program Redirection
– Bit-Field Extract, Set, Clear
• 128KB of RAM Shared Memory (TMS320C6747
– Normalization, Saturation, Bit-Counting
Only)
– Compact 16-Bit Instructions
• 3.3-V LVCMOS I/Os (Except for USB Interfaces)
• C674x Two-Level Cache Memory Architecture
• Two External Memory Interfaces:
– 32KB of L1P Program RAM/Cache
– EMIFA
– 32KB of L1D Data RAM/Cache
•
NOR (8- or 16-Bit-Wide Data)
– 256KB of L2 Unified Mapped RAM/Cache
•
NAND (8- or 16-Bit-Wide Data)
– Flexible RAM/Cache Partition (L1 and L2)
•
16-Bit SDRAM with 128-MB Address Space
• Enhanced Direct Memory Access Controller 3
(TMS320C6747 Only)
(EDMA3):
– EMIFB
– 2 Transfer Controllers
•
32-Bit or 16-Bit SDRAM with 256-MB
– 32 Independent DMA Channels
Address Space (TMS320C6747)
– 8 Quick DMA Channels
•
16-Bit SDRAM with 128-MB Address Space
(TMS320C6745)
– Programmable Transfer Burst Size
• Three Configurable 16550-Type UART Modules:
• TMS320C674x Fixed- and Floating-Point VLIW
DSP Core
– UART0 with Modem Control Signals
– Load-Store Architecture with Nonaligned
– Autoflow Control Signals (CTS, RTS) on UART0
Support
Only
– 64 General-Purpose Registers (32-Bit)
– 16-Byte FIFO
– Six ALU (32- and 40-Bit) Functional Units
– 16x or 13x Oversampling Option
•
Supports 32-Bit Integer, SP (IEEE Single
• LCD Controller (TMS320C6747 Only)
Precision/32-Bit) and DP (IEEE Double
• Two Serial Peripheral Interfaces (SPIs) Each with
Precision/64-Bit) Floating Point
One Chip Select
•
Supports up to Four SP Additions Per Clock,
• Multimedia Card (MMC)/Secure Digital (SD) Card
Four DP Additions Every 2 Clocks
Interface with Secure Data I/O (SDIO)
•
Supports up to Two Floating-Point (SP or
• Two Master and Slave Inter-Integrated Circuit (I2C
DP) Reciprocal Approximation (RCPxP) and
Bus™)
Square-Root Reciprocal Approximation
• One Host-Port Interface (HPI) with 16-Bit-Wide
(RSQRxP) Operations Per Cycle
Muxed Address/Data Bus for High Bandwidth
– Two Multiply Functional Units
(TMS320C6747 Only)
•
Mixed-Precision IEEE Floating Point Multiply
• Programmable Real-Time Unit Subsystem
Supported up to:
(PRUSS)
–
2 SP x SP -> SP Per Clock
– Two Independent Programmable Realtime Unit
–
2 SP x SP -> DP Every Two Clocks
(PRU) Cores
–
2 SP x DP -> DP Every Three Clocks
•
32-Bit Load and Store RISC Architecture
–
2 DP x DP -> DP Every Four Clocks
•
4KB of Instruction RAM per Core
•
Fixed-Point Multiply Supports Two 32 x 32-
•
512 Bytes of Data RAM per Core
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMS320C6745DPTP3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6745DPTP3 TI1-TMS320C6745DPTP3 Datasheet
1Mb / 227P
TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6745DPTP3 TI-TMS320C6745DPTP3 Datasheet
1Mb / 227P
TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
TMS320C6745DPTP3 TI-TMS320C6745DPTP3 Datasheet
1Mb / 227P
TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
More results

Similar Description - TMS320C6745DPTP3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6671 TI1-TMS320C6671 Datasheet
2Mb / 241P
Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654 Datasheet
2Mb / 222P
Fixed and Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655 Datasheet
2Mb / 232P
Fixed and Floating-Point Digital Signal Processor
TMS320C6657CZH TI1-TMS320C6657CZH Datasheet
1Mb / 233P
Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI1-TMS320C6678_14 Datasheet
2Mb / 249P
Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6671 TI-TMS320C6671_15 Datasheet
1Mb / 238P
Fixed and Floating-Point Digital Signal Processor
TMS320C6654 TI1-TMS320C6654_15 Datasheet
1Mb / 235P
Fixed and Floating-Point Digital Signal Processor
TMS320C6655 TI1-TMS320C6655_15 Datasheet
1Mb / 245P
Fixed and Floating-Point Digital Signal Processor
TMS320C6743 TI1-TMS320C6743_14 Datasheet
1Mb / 151P
Fixed- and Floating-Point Digital Signal Processor
TMS320C6671 TI1-TMS320C6671_16 Datasheet
2Mb / 238P
Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com