Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745DPTP3 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 31Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 32Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 33Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 34Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 35Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 36Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 37Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 38Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
3.6.8
Enhanced Pulse Width Modulators (eHRPWM0, eHRPWM1, eHRPWM2)
Table 3-13. Enhanced Pulse Width Modulator (eHRPWM) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
ZKB
eHRPWM0
eHRPWM0 A output
ACLKX1/EPWM0A/GP3[15]
162
K3
I/O
IPD
(with high-resolution)
McASP1, GPIO
AHCLKX1/EPWM0B/GP3[14]
160
K2
I/O
IPD
eHRPWM0 B output.
McASP1, eHRPWM1,
eHRPWM0 trip zone
AMUTE1/EPWMTZ/GP4[14]
132
D4
I/O
IPD
GPIO, eHRPWM2
input
Sync input to
McASP1, eHRPWM0,
eHRPWM0 module or
AFSX1/EPWMSYNCI/EPWMSYNCO/GP4[10]
163
K4
I/O
IPD
GPIO
sync output to
external PWM
eHRPWM1
eHRPWM1 A (with
AXR1[8]/EPWM1A/GP4[8]
168
M2
I/O
IPD
high-resolution)
McASP1, GPIO
AXR1[7]/EPWM1B/GP4[7]
169
M3
I/O
IPD
eHRPWM1 B output
McASP1, eHRPWM0,
eHRPWM1 trip zone
AMUTE1/EPWMTZ/GP4[14]
132
D4
I/O
IPD
GPIO, eHRPWM2
input
eHRPWM2
eHRPWM2 A (with
AXR1[6]/EPWM2A/GP4[6]
170
M4
I/O
IPD
high-resolution)
McASP1, GPIO
AXR1[5]/EPWM2B/GP4[5]
171
N1
I/O
IPD
eHRPWM2 B output
McASP1, eHRPWM0,
eHRPWM2 trip zone
AMUTE1/EPWMTZ/GP4[14]
132
D4
I/O
IPD
GPIO, eHRPWM2
input
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2008–2014, Texas Instruments Incorporated
Device Overview
35
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com