Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745DPTP3 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 2Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 3Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 4Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 5Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 6Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 7Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 8Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 9Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 227 page
background image
TMS320C6745, TMS320C6747
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
www.ti.com
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the changes made to the SPRS377E device-specific data
manual to make it an SPRS377F revision.
Scope: Applicable updates to the TMS320C6747/C6745 Fixed- and Floating-Point Digital Signal
Processor device family, specifically relating to the TMS320C6747 and TMS320C6745 devices, which are
all now in the production data (PD) stage of development, have been incorporated.
Revision History
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
•
Turned on Navigation Icons on top of first page.
•
Updated Features, Applications, and Description for consistency and translation.
Global
•
Moved Trademarks information from first page to within Section 7, Device and Documentation Support.
•
Moved ESDS Warning to within Section 7, Device and Documentation Support.
Section 1.1
Deleted Highlights section. Information was duplicated elsewhere in Features.
Features
Section 1.2
Added NEW section.
Applications
Section 1.3
Added NEW Device Information Table.
Description
Table 3-2, C674x Cache Registers:
Section 3.3.2.3
•
Updated/Changed REGISTER DESCRIPTION for BYTE ADDRESSES 0000, 0020, and 0040 from
C674x CPU
"...See the System reference Guide..." to "See the Technical Reference Manual..."
Table 3-21, Universal Serial Bus (USB) Terminal Functions:
Section 3.6
•
Updated/Changed USB0_VDDA12 DESCRIPTION from "...must always be connected via a 1
μF
Terminal Functions
capacitor..." to "...is recommended to be connected via a 0.22-
μF capacitor..."
Section 3.6.11
Universal
Table 3-16, Universal Asynchronous Receiver/Transmitter (UART) Terminal Functions:
Asynchronous
•
Updated/Changed footnote from "...DSP Reference Guide - Literature Number SPRUFK4..." to "...DSP
Receiver/Transmitter
Technical Reference Manual (SPRUH91)..."
s (UART0, UART1,
UART2)
Table 3-26, Reserved and No Connect Terminal Functions:
Section 3.6.21
Reserved and No
•
Updated/Changed RSV4 DESCRIPTION from "...This pin may be tied high or low." to "...For proper
Connect
device operation, this pin must be tied low or to CVDD."
Section 3.6.23
Moved to within Section 3.6, Terminal Functions
Unused USB0
Table 3-28, Unused USB0 and USB1 Pin Configurations:
(USB2.0) and USB1
•
Updated/Changed USB0_VDDA12 Configuration by combining both Configuration columns and
(USB1.1) Pin
changing text to "Internal USB0 PHY output connected to an external..."
Configurations
Section 5.2, Handling Ratings:
Section 5
Device Operating
•
Split handling, ratings, and certifications from the Abs Max table and placed in NEW Handling Ratings
Conditions
table.
Section 5.4
Notes on
Table 5-1, Recommended Power-On Hours:
Recommended
•
Added Silicon Revision column.
Power-On Hours
(POH)
Table 6-22, EMIFA Asynchronous Memory Switching Characteristics:
Section 6.10.6
•
Updated/Changed the MIN, NOM, and MAX equations for NO. 3, 10, 15, and 24 from "...(EWC*16)..." to
EMIFA Electrical
"...EWC..."
Data/Timing
Section 5.3, Recommended Operating Conditions:
•
Added "Unless specifically indicated" to "These I/O specifications apply to ..." footnote
6
Revision History
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com