Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6745DPTP3 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6745DPTP3
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6745DPTP3 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320C6745DPTP3 Datasheet HTML 37Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 38Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 39Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 40Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 41Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 42Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 43Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 44Page - Texas Instruments TMS320C6745DPTP3 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377F – SEPTEMBER 2008 – REVISED JUNE 2014
3.6.14
Universal Host-Port Interface (UHPI)
Note:
The UHPI module requires 16 data pins for the host port interface to function. Therefore on the PTP, the
UHPI is not available.
Table 3-19. Universal Host-Port Interface (UHPI) Terminal Functions
PIN NO
TYPE(
SIGNAL NAME
PULL(2)
MUXED
DESCRIPTION
1)
PTP
ZKB
EMA_D[15]/UHPI_HD[15]/LCD_D[15]/GP0[15]
-
M16
I/O
IPD
EMA_D[14]/UHPI_HD[14]/LCD_D[14]/GP0[14]
-
N14
I/O
IPD
EMA_D[13]/UHPI_HD[13]/LCD_D[13]/GP0[13]
-
N16
I/O
IPD
EMA_D[12]/UHPI_HD[12]/LCD_D[12]/GP0[12]
-
P14
I/O
IPD
EMIFA, LCD, GPIO
EMA_D[11]/UHPI_HD[11]/LCD_D[11]/GP0[11]
-
P16
I/O
IPD
EMA_D[10]/UHPI_HD[10]/LCD_D[10]/GP0[10]
-
R14
I/O
IPD
EMA_D[9]/UHPI_HD[9]/LCD_D[9]/GP0[9]
-
T14
I/O
IPD
EMA_D[8]/UHPI_HD[8]/LCD_D[8]/GP0[8]
-
N12
I/O
IPD
EMA_D[7]/MMCSD_DAT[7]/UHPI_HD[7]/GP0[7]/
EMIFA, MMC/SD,
UHPI data bus
-
M15
I/O
IPU
BOOT[13]
GPIO, BOOT
EMA_D[6]/MMCSD_DAT[6]/UHPI_HD[6]/GP0[6]
-
N13
I/O
IPU
EMA_D[5]/MMCSD_DAT[5]/UHPI_HD[5]/GP0[5]
-
N15
I/O
IPU
EMA_D[4]/MMCSD_DAT[4]/UHPI_HD[4]/GP0[4]
-
P13
I/O
IPU
EMIFA, MMC/SD,
GPIO
EMA_D[3]/MMCSD_DAT[3]/UHPI_HD[3]/GP0[3]
-
P15
I/O
IPU
EMA_D[2]/MMCSD_DAT[2]/UHPI_HD[2]/GP0[2]
-
R13
I/O
IPU
EMA_D[1]/MMCSD_DAT[1]/UHPI_HD[1]/GP0[1]
-
R15
I/O
IPU
EMA_D[0]/MMCSD_DAT[0]/UHPI_HD[0]/GP0[0]/
EMIFA, MMC/SD,
-
T13
I/O
IPU
BOOT[12]
GPIO, BOOT
EMA_A[2]/MMCSD_CMD/UHPI_HCNTL1/GP1[2]
-
P9
I/O
IPU
EMIFA,
MMCSD_CMD,
UHPI access control
EMA_A[1]/MMCSD_CLK/UHPI_HCNTL0/GP1[1]
-
R9
I/O
IPU
GPIO
UHPI half-word
EMA_BA[1]/LCD_D[5]/UHPI_HHWIL/GP1[13]
-
P8
I/O
IPU
EMIFA, LCD, GPIO
identification control
EMIFA, McASP,
EMA_WE/UHPI_HRW /AXR0[12]/GP2[3]/BOOT[14]
-
M13
I/O
IPU
UHPI read/write
GPIO, BOOT
EMIFA, GPIO,
EMA_CS[2]/ UHPI_HCS /GP2[5]/BOOT[15]
-
P7
I/O
IPU
UHPI chip select
BOOT
EMA_WE_DQM[1]/ UHPI_HDS2 /AXR0[14]/GP2[8]
-
P12
I/O
IPU
UHPI data strobe
EMIFA, McASP0,
EMA_OE/ UHPI_HDS1 /AXR0[13]/GP2[7]
-
R7
I/O
IPU
GPIO
EMA_WE_DQM[0]/ UHPI_HINT /AXR0[15]/GP2[9]
-
M14
I/O
IPU
UHPI host interrupt
EMA_WAIT[0]/ UHPI_HRDY /GP2[10]
-
N6
I/O
IPU
UHPI ready
EMIFA, GPIO
UHPI address
EMA_CS[0]/ UHPI_HAS /GP2[4]
-
T8
I/O
IPU
strobe
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2008–2014, Texas Instruments Incorporated
Device Overview
41
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com