Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 174 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 174 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 170Page - Texas Instruments TMS320DM647 Datasheet HTML 171Page - Texas Instruments TMS320DM647 Datasheet HTML 172Page - Texas Instruments TMS320DM647 Datasheet HTML 173Page - Texas Instruments TMS320DM647 Datasheet HTML 174Page - Texas Instruments TMS320DM647 Datasheet HTML 175Page - Texas Instruments TMS320DM647 Datasheet HTML 176Page - Texas Instruments TMS320DM647 Datasheet HTML 177Page - Texas Instruments TMS320DM647 Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 190 page
background image
1
2
3
4
TINPLx
TOUTLx
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-88. Timer 3 Registers
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
0x0204 5000
PID12
Peripheral Identification Register
0x0204 5004
EMUMGT_CLKSPD
Timer 3 Emulation Management/Clock Speed Register
0x0204 5010
TIM12
Timer 3 Counter Register 12
0x0204 5014
TIM34
Timer 3 Counter Register 34
0x0204 5018
PRD12
Timer 3 Period Register 12
0x0204 501C
PRD34
Timer 3 Period Register 34
0x0204 5020
TCR
Timer 3 Control Register
0x0204 5024
TGCR
Timer 3 Global Control Register
0x0204 5028 - 0x0204 50FF
-
Reserved
6.21.3 Timer Electrical Data/Timing
Table 6-89. Timing Requirements for Timer Input(1) (see Figure 6-52)
720, 800, 900,
1100
NO.
UNIT
MIN
MAX
1
tw(TIMIxH)
Pulse duration, TIMIxH high
12P(1)
ns
2
tw(TIMIxL)
Pulse duration, TIMIxL low
12P
ns
(1)
P = 1/CPU clock frequency in ns.
Table 6-90. Switching Characteristics for Timer Output
over operating free-air temperature range (unless otherwise noted)
720, 800, 900, 1100
NO.
PARAMETER
UNIT
MIN
TYP
MAX
3
tw(TIMOxH)
Pulse duration, TIMOxH high
12P(1)
4
tw(TIMOxL)
Pulse duration, TIMOxL low
12P
(1)
P = 1/CPU clock frequency in ns.
Figure 6-52. Timer Timing
174
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com