Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 177 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 177 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 173Page - Texas Instruments TMS320DM647 Datasheet HTML 174Page - Texas Instruments TMS320DM647 Datasheet HTML 175Page - Texas Instruments TMS320DM647 Datasheet HTML 176Page - Texas Instruments TMS320DM647 Datasheet HTML 177Page - Texas Instruments TMS320DM647 Datasheet HTML 178Page - Texas Instruments TMS320DM647 Datasheet HTML 179Page - Texas Instruments TMS320DM647 Datasheet HTML 180Page - Texas Instruments TMS320DM647 Datasheet HTML 181Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 190 page
background image
VCLK
VTXD[3:0]
VRXD[3:0]
1
2
3
4
Data
Data
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 6-93. Switching Characteristics
Over Recommended Operating Conditions for Transmit Data for the VLYNQ Module (see Figure 6-54)
720, 800, 900, 1100
NO.
PARAMETER
UNIT
MIN
MAX
1
td(VCLKH-TXDI)
Delay time, VCLK high to VTXD[3:0] invalid [SLOW Mode]
2.25
ns
1
td(VCLKH-TXDI)
Delay time, VCLK high to VTXD[3:0] invalid [FAST Mode]
0.86
ns
2
td(VCLKH-TXDV)
Delay time, VCLK to VTXD[3:0] valid
6.85
ns
Table 6-94. Timing Requirements for Receive Data for the VLYNQ Module (see Figure 6-54)
720, 800, 900, 1100
NO.
UNIT
MIN
MAX
RTM disabled
0.2
ns
RTM enabled, RXD Flop = 0
1.25
ns
RTM enabled, RXD Flop = 1
0.91
ns
RTM enabled, RXD Flop = 2
0.64
ns
Setup time, VRXD[3:0] valid before VCLK
3
tsu(RXDV-VCLKH)
RTM enabled, RXD Flop = 3
0.36
ns
high
RTM enabled, RXD Flop = 4
0.09
ns
RTM enabled, RXD Flop = 5
-0.18
ns
RTM enabled, RXD Flop = 6
-0.44
ns
RTM enabled, RXD Flop = 7
-0.69
ns
RTM disabled
2
ns
RTM enabled, RXD Flop = 0
0.95
ns
RTM enabled, RXD Flop = 1
1.33
ns
RTM enabled, RXD Flop = 2
1.72
ns
4
th(VCLKH-RXDV)
Hold time, VRXD[3:0] valid after VCLK high
RTM enabled, RXD Flop = 3
2.15
ns
RTM enabled, RXD Flop = 4
2.58
ns
RTM enabled, RXD Flop = 5
3.03
ns
RTM enabled, RXD Flop = 6
3.46
ns
RTM enabled, RXD Flop = 7
3.89
ns
Figure 6-54. VLYNQ Transmit/Receive Timing
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
177
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com