Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 103 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 99Page - Texas Instruments TMS320DM647 Datasheet HTML 100Page - Texas Instruments TMS320DM647 Datasheet HTML 101Page - Texas Instruments TMS320DM647 Datasheet HTML 102Page - Texas Instruments TMS320DM647 Datasheet HTML 103Page - Texas Instruments TMS320DM647 Datasheet HTML 104Page - Texas Instruments TMS320DM647 Datasheet HTML 105Page - Texas Instruments TMS320DM647 Datasheet HTML 106Page - Texas Instruments TMS320DM647 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 190 page
background image
DDR_D00
DDR_D7
DDR_DQM0
DDR_DQS0
DDR_DQS0
DDR_D08
DDR_D15
DDR_DQM1
DDR_DQS1
DDR_DQS1
BED0
BED7
LDM
LDQS
LDQS
BED8
BED15
UDM
UDQS
UDQS
BA0
BA2
A0
A13
CS
CAS
RAS
WE
CKE
CK
CK
VREF
DDR_D16
DDR_D23
DDR_DQM2
DDR_DQS2
DDR_DQS2
DDR_D24
DDR_D31
DDR_DQM3
DDR_DQS3
DDR_DQS3
DDR_BA0
DDR_BA2
DDR_A00
DDR_A13
DDR_CS0
DDR_CAS
DDR_RAS
BSDWE
DDR_CKE
DDR_CLK
DDR_CLK
DDR_ODT1
DDR_VREF
1kΩ 1%
Vio1.8
(A)
DDR2
DDR_DQGATE0
DDR_DQGATE1
DDR_DQGATE2
DDR_DQGATE3
VREF
Terminator,ifdesired.Seeterminatorcomments.
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
T
0.1 µF
VREF
0.1 µF
1kΩ 1%
0.1 µF
(B)
0.1 µF
(B)
DDR_ODT0
NC
NC
ODT
DM647/DM648
NC
NC
NC
NC
1kΩ
NC
NC
1kΩ
NC
1kΩ
1kΩ
1kΩ
Vio1.8
(A)
Vio1.8
(A)
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
A.
DM648 is shown in this figure as an example of the device and represents the entire set of devices that include:
DM647/DM648.
B.
One of these capacitors can be eliminated if the divider and its capacitors are placed near a device VREF pin.
C.
Vio 1.8 is the power supply for the DDR2 memory interface.
Figure 6-12. 16-Bit DDR2 High-Level Schematic
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
103
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com