Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 100Page - Texas Instruments TMS320DM647 Datasheet HTML 101Page - Texas Instruments TMS320DM647 Datasheet HTML 102Page - Texas Instruments TMS320DM647 Datasheet HTML 103Page - Texas Instruments TMS320DM647 Datasheet HTML 104Page - Texas Instruments TMS320DM647 Datasheet HTML 105Page - Texas Instruments TMS320DM647 Datasheet HTML 106Page - Texas Instruments TMS320DM647 Datasheet HTML 107Page - Texas Instruments TMS320DM647 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
6.9.3.3
PCB Stackup
The minimum stackup required for routing the device is a six-layer stack as shown in Table 6-30.
Additional layers may be added to the PCB stack up to accommodate other circuity or to reduce the size
of the PCB footprint.
Table 6-30. Minimum PCB Stack Up
LAYER
TYPE
DESCRIPTION
1
Signal
Top routing mostly horizontal
2
Plane
Ground
3
Plane
Power
4
Signal
Internal routing
5
Plane
Ground
6
Signal
Bottom routing mostly vertical
Complete stack up specifications are provided in Table 6-31.
Table 6-31. PCB Stack Up Specifications
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
PCB Routing/Plane Layers
6
2
Signal Routing Layers
3
3
Full ground layers under DDR2 routing Region
2
4
Number of ground plane cuts allowed within DDR routing region
0
5
Number of ground reference planes required for each DDR2 routing layer
1
6
Number of layers between DDR2 routing layer and reference ground plane
0
7
PCB Routing Feature Size
4
Mils
8
PCB Trace Width w
4
Mils
8
PCB BGA escape via pad size
18
Mils
9
PCB BGA escape via hole size
8
Mils
10
DSP Device BGA pad size(1)
11
DDR2 Device BGA pad size(2)
12
Single Ended Impedance, Zo
50
75
Ω
13
Impedance Control(3)
Z-5
Z
Z+5
Ω
(1)
See the Flip Chip Ball Grid Array Package Reference Guide (SPRU811) for DSP device BGA pad size.
(2)
See the DDR2 device manufacturer documenation for the DDR2 device BGA pad size.
(3)
Z is the nominal singled ended impedance selected for the PCB specified by item 12.
6.9.3.4
Placement
Figure 6-13 shows the required placement for the device as well as the DDR2 devices. The dimensions
for Figure 6-13 are defined in Table 6-32. The placement does not restrict the side of the PCB where the
devices are mounted. The purpose of the placement is to limit the maximum trace lengths and allow for
proper routing space. For 16-bit DDR memory systems, the high word DDR2 device is omitted from the
placement.
104
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com