Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 149 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 149 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 145Page - Texas Instruments TMS320DM647 Datasheet HTML 146Page - Texas Instruments TMS320DM647 Datasheet HTML 147Page - Texas Instruments TMS320DM647 Datasheet HTML 148Page - Texas Instruments TMS320DM647 Datasheet HTML 149Page - Texas Instruments TMS320DM647 Datasheet HTML 150Page - Texas Instruments TMS320DM647 Datasheet HTML 151Page - Texas Instruments TMS320DM647 Datasheet HTML 152Page - Texas Instruments TMS320DM647 Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
6.17 Peripheral Component Interconnect (PCI)
The device supports connections to a PCI backplane via the integrated PCI master/slave bus interface.
The PCI port interfaces to DSP internal resources via the data switched central resource. .
For more detailed information on the PCI port peripheral module, see the TMS320DM647/DM648
Peripheral Component Interconnect (PCI) User's Guide (literature number SPRUEL4).
6.17.1 PCI Device-Specific Information
The PCI peripheral conforms to the PCI Local Bus Specification (version 2.3). The PCI peripheral can act
both as a PCI bus master and as a target. It supports PCI bus operation of speeds up to 66 MHz and uses
a 32-bit data/address bus.
The pins of the PCI peripheral are multiplexed with the pins of the HPI, and GPIO peripherals. PCI
functionality for these pins is controlled (enabled/disabled) by the UHPIEN pin (H2). The maximum speed
of the PCI, 33 MHz or 66 MHz, is controlled through the PCI66 pin (G5). For more detailed information on
the peripheral control, see Section 3.
The device provides an initialization mechanism through which the default values for some of the PCI
configuration registers can be read from an I2C EEPROM. Table 6-68 shows the registers which can be
initialized through the PCI auto-initialization. Also shown is the default value of these registers when PCI
auto-initialization is not used. PCI auto-initialization is enabled by selecting PCI boot with auto-
initialization. For more information on this feature, see the TMS320DM647/DM648 Peripheral Component
Interconnect (PCI) User's Guide (literature number SPRUEL4) and the Using the TMS320DM647/DM648
Bootloader Application Report (literature number SPRAAJ1).
Table 6-68. Default Values for PCI Configuration
Registers
DEFAULT
REGISTER
VALUE
Vendor ID/Device ID Register (PCIVENDEV)
104C B003h
Class Code/Revision ID Register (PCICLREV)
0000 0001h
Subsystem Vendor ID/Subsystem ID Register
0000 0000h
(PCISUBID)
Max Latency/Min Grant/Interrupt Pin/Interrupt Line
0000 0100h
Register (PCILGINT)
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
149
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com