Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 150 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647 Datasheet(HTML) 150 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 146Page - Texas Instruments TMS320DM647 Datasheet HTML 147Page - Texas Instruments TMS320DM647 Datasheet HTML 148Page - Texas Instruments TMS320DM647 Datasheet HTML 149Page - Texas Instruments TMS320DM647 Datasheet HTML 150Page - Texas Instruments TMS320DM647 Datasheet HTML 151Page - Texas Instruments TMS320DM647 Datasheet HTML 152Page - Texas Instruments TMS320DM647 Datasheet HTML 153Page - Texas Instruments TMS320DM647 Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
6.17.2 PCI Peripheral Register Description(s)
Table 6-69. PCI Configuration Registers
PCI HOST ACCESS
ACRONYM
PCI HOST ACCESS REGISTER NAME
HEX ADDRESS OFFSET
0x00
PCIVENDEV
Vendor ID/Device ID
0x04
PCICSR
Command/Status
0x08
PCICLREV
Class Code/Revision ID
0x0C
PCICLINE
BIST/Header Type/Latency Timer/Cacheline Size
0x10
PCIBAR0
Base Address 0
0x14
PCIBAR1
Base Address 1
0x18
PCIBAR2
Base Address 2
0x1C
PCIBAR3
Base Address 3
0x20
PCIBAR4
Base Address 4
0x24
PCIBAR5
Base Address 5
0x28 - 0x2B
-
Reserved
0x2C
PCISUBID
Subsystem Vendor ID/Subsystem ID
0x30
-
Reserved
0x34
PCICPBPTR
Capabilities Pointer
0x38 - 0x3B
-
Reserved
0x3C
PCILGINT
Max Latency/Min Grant/Interrupt Pin/Interrupt Line
0x40 - 0x7F
-
Reserved
Table 6-70. PCI Back End Configuration Registers
DSP ACCESS
ACRONYM
DSP ACCESS REGISTER NAME
HEX ADDRESS RANGE
0x0204 8400 - 0x0204 840F
-
Reserved
0x0204 8410
PCISTATSET
PCI Status Set Register
0x0204 8414
PCISTATCLR
PCI Status Clear Register
0x0204 8418 - 0x0204 841F
-
Reserved
0x0204 8420
PCIHINTSET
PCI Host Interrupt Enable Set Register
0x0204 8424
PCIHINTCLR
PCI Host Interrupt Enable Clear Register
0x0204 8428 - 0x0204 842F
-
Reserved
0x0204 8430
PCIBINTSET
PCI Back End Application Interrupt Enable Set Register
0x0204 8434
PCIBINTCLR
PCI Back End Application Interrupt Enable Clear Register
0x0204 8438
PCIBCLKMGT
PCI Back End Application Clock Management Register
0x0204 843C - 0x0204 84FF
-
Reserved
0x0204 8500
PCIVENDEVMIR
PCI Vendor ID/Device ID Mirror Register
0x0204 8504
PCICSRMIR
PCI Command/Status Mirror Register
0x0204 8508
PCICLREVMIR
PCI Class Code/Revision ID Mirror Register
0x0204 850C
PCICLINEMIR
PCI BIST/Header Type/Latency Timer/Cacheline Size Mirror Register
0x0204 8510
PCIBAR0MSK
PCI Base Address Mask Register 0
0x0204 8514
PCIBAR1MSK
PCI Base Address Mask Register 1
0x0204 8518
PCIBAR2MSK
PCI Base Address Mask Register 2
0x0204 851C
PCIBAR3MSK
PCI Base Address Mask Register 3
0x0204 8520
PCIBAR4MSK
PCI Base Address Mask Register 4
0x0204 8524
PCIBAR5MSK
PCI Base Address Mask Register 5
0x0204 8528 - 0x0204 852B
-
Reserved
0x0204 852C
PCISUBIDMIR
PCI Subsystem Vendor ID/Subsystem ID Mirror Register
0x0204 8530
-
Reserved
150
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com