Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT7 Datasheet(PDF) 126 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 126 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 122Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 123Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 124Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 125Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 126Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 127Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 128Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 129Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
6.12 VCXO Interpolated Control (VIC)
The VIC can be used in conjunction with the video ports (VPs) to maintain synchronization of a video
stream. The VIC can also be used to control a VCXO to adjust the pixel clock rate to a video port.
6.12.1 VIC Device-Specific Information
The VCXO interpolated control (VIC) port provides digital-to-analog conversation with resolution from 9-
bits to up to 16-bits. The output of the VIC is a single bit interpolated D/A output (VDAC pin).
Typical D/A converters provide a discrete output level for every value of the digital word that is being
converted. This is a problem for digital words that are long. This is avoided in a Sigma Delta type D/A
converter by choosing a few widely spaced output levels and interpolating values between them. The
interpolating mechanism causes the output to oscillate rapidly between the levels in such a manner that
the average output represents the value of input code.
In the VIC, two output levels are chosen (0 and 1), and Sigma Delta interpolation scheme is implemented
to interpolate between these levels with a rapidly changing signal. The frequency of interpolation is
dependent on the resolution needed.
When the video port is used in transport channel interface (TCI) mode, the VIC port is used to control the
system clock, VCXO, for MPEG transport stream.
The VIC supports the following features:
•
Single interpolation for D/A conversion
•
Programmable precision from 9-to-16 bits
•
Interface for register accesses
For
more
detailed
information
on
the
VCXO
interpolated
control
(VIC)
peripheral,
see
the
TMS320DM647/DM648 Video Port User's Guide (literature number SPRUEM1).
6.12.2 VIC Peripheral Register Description(s)
Table 6-55. VCXO Interpolated Control (VIC) Port Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x0204 7400
VICCTL
VIC control register
0x0204 7404
VICIN
VIC input register
0x0204 7408
VPDIV
VIC clock divider register
0x0204 740C - 0x0204 77FF
-
Reserved
126
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com