Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT7 Datasheet(PDF) 128 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 128 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 124Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 125Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 126Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 127Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 128Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 129Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 130Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 131Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 132Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
6.13 Universal Asynchronous Receiver/Transmitter (UART)
The device has a UART peripheral. The UART has the following features:
•
16-byte storage space for both the transmitter and receiver FIFOs
•
1, 4, 8, or 14 byte selectable receiver FIFO trigger level for autoflow control and DMA
•
DMA signaling capability for both received and transmitted data
•
Programmable auto-rts and auto-cts for autoflow control
•
Frequency pre-scale values from 1 to 65, 535 to generate appropriate baud rates
•
Prioritized interrupts
•
Programmable serial data formats
–
5, 6, 7, or 8-bit characters
–
Even, odd, or no parity bit generation and detection
–
1, 1.5, or 2 stop bit generation
•
False start bit detection
•
Line break generation and detection
•
Internal diagnostic capabilities
–
Loopback controls for communications link fault isolation
–
Break, parity, overrun, and framing error simulation
•
Modem control functions (CTS, RTS).
The UART registers are listed in Table 6-57 .
6.13.1 UART Peripheral Register Description(s)
Table 6-57. UART Register Descriptions
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x0204 7000
RBR
UART Receiver Buffer Register (Read Only)
0x0204 7000
THR
UART Transmitter Holding Register (Write Only)
0x0204 7004
IER
UART Interrupt Enable Register
0x0204 7008
IIR
UART Interrupt Identification Register (Read Only)
0x0204 7008
FCR
UART FIFO Control Register (Write Only)
0x0204 700C
LCR
UART Line Control Register
0x0204 7010
MCR
UART Modem Control Register
0x0204 7014
LSR
UART Line Status Register
0x0204 7018
-
Reserved
0x0204 701C
-
Reserved
0x0204 7020
DLL
UART Divisor Latch (LSB)
0x0204 7024
DLH
UART Divisor Latch (MSB)
0x0204 7028
PID
Peripheral Identification Register
0x0204 702C
Reserved
0x0204 7030
PWREMU_MGMT
UART Power and Emulation Management Register
0x0204 7034
MDR
Mode Definition Register
0x0204 7038 - 0x0204 73FF
-
Reserved
128
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com