Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT7 Datasheet(PDF) 131 Page - Texas Instruments

Part # TMS320DM647CUT7
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT7 Datasheet(HTML) 131 Page - Texas Instruments

Back Button TMS320DM647CUT7 Datasheet HTML 127Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 128Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 129Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 130Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 131Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 132Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 133Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 134Page - Texas Instruments TMS320DM647CUT7 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
6.14.2 SPI Peripheral Register Descriptions
Table 6-60 is a list of the SPI registers.
Table 6-60. SPI Configuration Registers
SPI0
REGISTER NAME
DESCRIPTION
BYTE ADDRESS
0x0204 7800
SPIGCR0
Global Control Register 0
0x0204 7804
SPIGCR1
Global Control Register 1
0x0204 7808
SPIINT0
Interrupt Register
0x0204 780C
SPILVL
Interrupt Level Register
0x0204 7810
SPIFLG
Flag Register
0x0204 7814
SPIPC0
Pin Control Register 0 (Pin Function)
0x0204 7818
SPIPC1
Pin Control Register 1 (Pin Direction)
0x0204 781C
SPIPC2
Pin Control Register 2 (Pin Data In)
0x0204 783C
SPIDAT1
Shift Register 1 (with format select)
0x0204 7840
SPIBUF
Buffer Register
0x0204 7844
SPIEMU
Emulation Register
0x0204 7848
SPIDELAY
Delay Register
0x0204 784C
SPIDEF
Default Chip Select Register
0x0204 7850
SPIFMT0
Format Register 0
0x0204 7854
SPIFMT1
Format Register 1
0x0204 7858
SPIFMT2
Format Register 2
0x0204 785C
SPIFMT3
Format Register 3
0x0204 7860
TGINTVECT0
Interrupt Vector for SPI INT0
0x0204 7864
TGINTVECT1
Interrupt Vector for SPI INT1
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
131
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com