Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 119 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 119 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 115Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 116Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 117Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 118Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 119Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 120Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 121Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 122Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 190 page
background image
TMS320DM647
TMS320DM648
www.ti.com
SPRS372H – MAY 2007 – REVISED APRIL 2012
Table 6-48. Video Port 0, 1, 2, 3, and 4 (VP0, VP1, VP2, VP3, and VP4) Control Registers (continued)
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
VP0
VP1
VP2
VP3
VP4
Video Capture Channel A Field 1 Start
0x02C0 0108
0x02C0 4108
0x02C0 8108
0x02C0 C108
0x02C1 0108
VCASTRT1
Register
Video Capture Channel A Field 1 Stop
0x02C0 010C
0x02C0 410C
0x02C0 810C
0x02C0 C10C
0x02C1 010C
VCASTOP1
Register
Video Capture Channel A Field 2 Start
0x02C0 0110
0x02C0 4110
0x02C0 8110
0x02C0 C110
0x02C1 0110
VCASTRT2
Register
Video Capture Channel A Field 2 Stop
0x02C0 0114
0x02C0 4114
0x02C0 8114
0x02C0 C114
0x02C1 0114
VCASTOP2
Register
Video Capture Channel A Vertical
0x02C0 0118
0x02C0 4118
0x02C0 8118
0x02C0 C118
0x02C1 0118
VCAVINT
Interrupt Register
Video Capture Channel A Threshold
0x02C0 011C
0x02C0 411C
0x02C0 811C
0x02C0 C11C
0x02C1 011C
VCATHRLD
Register
Video Capture Channel A Event Count
0x02C0 0120
0x02C0 4120
0x02C0 8120
0x02C0 C120
0x02C1 0120
VCAEVTCT
Register
0x02C0 0140
0x02C0 4140
0x02C0 8140
0x02C0 C140
0x02C1 0140
VCBSTAT
Video Capture Channel B Status Register
Video Capture Channel B Control
0x02C0 0144
0x02C0 4144
0x02C0 8144
0x02C0 C144
0x02C1 0144
VCBCTL
Register
Video Capture Channel B Field 1 Start
0x02C0 0148
0x02C0 4148
0x02C0 8148
0x02C0 C148
0x02C1 0148
VCBSTRT1
Register
Video Capture Channel B Field 1 Stop
0x02C0 014C
0x02C0 414C
0x02C0 814C
0x02C0 C14C
0x02C1 014C
VCBSTOP1
Register
Video Capture Channel B Field 2 Start
0x02C0 0150
0x02C0 4150
0x02C0 8150
0x02C0 C150
0x02C1 0150
VCBSTRT2
Register
Video Capture Channel B Field 2 Stop
0x02C0 0154
0x02C0 4154
0x02C0 8154
0x02C0 C154
0x02C1 0154
VCBSTOP2
Register
Video Capture Channel B Vertical
0x02C0 0158
0x02C0 4158
0x02C0 8158
0x02C0 C158
0x02C1 0158
VCBVINT
Interrupt Register
Video Capture Channel B Threshold
0x02C0 015C
0x02C0 415C
0x02C0 815C
0x02C0 C15C
0x02C1 015C
VCBTHRLD
Register
Video Capture Channel B Event Count
0x02C0 0160
0x02C0 4160
0x02C0 8160
0x02C0 C160
0x02C1 0160
VCBEVTCT
Register
0x02C0 0180
0x02C0 4180
0x02C0 8180
0x02C0 C180
0x02C1 0180
TCICTL
TCI Capture Control Register
0x02C0 0184
0x02C0 4184
0x02C0 8184
0x02C0 C184
0x02C1 0184
TCICLKINITL
TCI Clock Initialization LSB Register
0x02C0 0188
0x02C0 4188
0x02C0 8188
0x02C0 C188
0x02C1 0188
TCICLKINITM
TCI Clock Initialization MSB Register
0x02C0 018C
0x02C0 418C
0x02C0 818C
0x02C0 C18C
0x02C1 018C
TCISTCLKL
TCI System Time Clock LSB Register
0x02C0 0190
0x02C0 4190
0x02C0 8190
0x02C0 C190
0x02C1 0190
TCISTCLKM
TCI System Time Clock MSB Register
TCI System Time Clock Compare LSB
0x02C0 0194
0x02C0 4194
0x02C0 8194
0x02C0 C194
0x02C1 0194
TCISTCMPL
Register
TCI System Time Clock Compare MSB
0x02C0 0198
0x02C0 4198
0x02C0 8198
0x02C0 C198
0x02C1 0198
TCISTCMPM
Register
TCI System Time Clock Compare Mask
0x02C0 019C
0x02C0 419C
0x02C0 819C
0x02C0 C19C
0x02C1 019C
TCISTMSKL
LSB Register
TCI System Time Clock Compare Mask
0x02C0 01A0
0x02C0 41A0
0x02C0 81A0
0x02C0 C1A0
0x02C1 01A0
TCISTMSKM
MSB Register
TCI System Time Clock Ticks Interrupt
0x02C0 01A4
0x02C0 41A4
0x02C0 81A4
0x02C0 C1A4
0x02C1 01A4
TCITICKS
Register
0x02C0 0200
0x02C0 4200
0x02C0 8200
0x02C0 C200
0x02C1 0200
VDSTAT
Video Display Status Register
0x02C0 0204
0x02C0 4204
0x02C0 8204
0x02C0 C204
0x02C1 0204
VDCTL
Video Display Control Register
0x02C0 0208
0x02C0 4208
0x02C0 8208
0x02C0 C208
0x02C1 0208
VDFRMSZ
Video Display Frame Size Register
Video Display Horizontal Blanking
0x02C0 020C
0x02C0 420C
0x02C0 820C
0x02C0 C20C
0x02C1 020C
VDHBLNK
Register
Video Display Field 1 Vertical Blanking
0x02C0 0210
0x02C0 4210
0x02C0 8210
0x02C0 C210
0x02C1 0210
VDVBLKS1
Start Register
Video Display Field 1 Vertical Blanking
0x02C0 0214
0x02C0 4214
0x02C0 8214
0x02C0 C214
0x02C1 0214
VDVBLKE1
End Register
Video Display Field 2 Vertical Blanking
0x02C0 0218
0x02C0 4218
0x02C0 8218
0x02C0 C218
0x02C1 0218
VDVBLKS2
Start Register
Video Display Field 2 Vertical Blanking
0x02C0 021C
0x02C0 421C
0x02C0 821C
0x02C0 C21C
0x02C1 021C
VDVBLKE2
End Register
Copyright © 2007–2012, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
119
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com