Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647CUT9 Datasheet(PDF) 120 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647CUT9
Description  Digital Media Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM647CUT9 Datasheet(HTML) 120 Page - Texas Instruments

Back Button TMS320DM647CUT9 Datasheet HTML 116Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 117Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 118Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 119Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 120Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 121Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 122Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 123Page - Texas Instruments TMS320DM647CUT9 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 190 page
background image
TMS320DM647
TMS320DM648
SPRS372H – MAY 2007 – REVISED APRIL 2012
www.ti.com
Table 6-48. Video Port 0, 1, 2, 3, and 4 (VP0, VP1, VP2, VP3, and VP4) Control Registers (continued)
HEX ADDRESS RANGE
ACRONYM
DESCRIPTION
VP0
VP1
VP2
VP3
VP4
Video Display Field 1 Image Offset
0x02C0 0220
0x02C0 4220
0x02C0 8220
0x02C0 C220
0x02C1 0220
VDIMGOFF1
Register
Video Display Field 1 Image Size
0x02C0 0224
0x02C0 4224
0x02C0 8224
0x02C0 C224
0x02C1 0224
VDIMGSZ1
Register
Video Display Field 2 Image Offset
0x02C0 0228
0x02C0 4228
0x02C0 8228
0x02C0 C228
0x02C1 0228
VDIMGOFF2
Register
Video Display Field 2 Image Size
0x02C0 022C
0x02C0 422C
0x02C0 822C
0x02C0 C22C
0x02C1 022C
VDIMGSZ2
Register
0x02C0 0230
0x02C0 4230
0x02C0 8230
0x02C0 C230
0x02C1 0230
VDFLDT1
Video Display Field 1 Timing Register
0x02C0 0234
0x02C0 4234
0x02C0 8234
0x02C0 C234
0x02C1 0234
VDFLDT2
Video Display Field 2 Timing Register
0x02C0 0238
0x02C0 4238
0x02C0 8238
0x02C0 C238
0x02C1 0238
VDTHRLD
Video Display Threshold Register
Video Display Horizontal Synchronization
0x02C0 023C
0x02C0 423C
0x02C0 823C
0x02C0 C23C
0x02C1 023C
VDHSYNC
Register
Video Display Field 1 Vertical
0x02C0 0240
0x02C0 4240
0x02C0 8240
0x02C0 C240
0x02C1 0240
VDVSYNS1
Synchronization Start Register
Video Display Field 1 Vertical
0x02C0 0244
0x02C0 4244
0x02C0 8244
0x02C0 C244
0x02C1 0244
VDVSYNE1
Synchronization End Register
Video Display Field 2 Vertical
0x02C0 0248
0x02C0 4248
0x02C0 8248
0x02C0 C248
0x02C1 0248
VDVSYNS2
Synchronization Start Register
Video Display Field 2 Vertical
0x02C0 024C
0x02C0 424C
0x02C0 824C
0x02C0 C24C
0x02C1 024C
VDVSYNE2
Synchronization End Register
0x02C0 0250
0x02C0 4250
0x02C0 8250
0x02C0 C250
0x02C1 0250
VDRELOAD
Video Display Counter Reload Register
0x02C0 0254
0x02C0 4254
0x02C0 8254
0x02C0 C254
0x02C1 0254
VDDISPEVT
Video Display Event Register
0x02C0 0258
0x02C0 4258
0x02C0 8258
0x02C0 C258
0x02C1 0258
VDCLIP
Video Display Clipping Register
Video Display Default Display Value
0x02C0 025C
0x02C0 425C
0x02C0 825C
0x02C0 C25C
0x02C1 025C
VDDEFVAL
Register
0x02C0 0260
0x02C0 4260
0x02C0 8260
0x02C0 C260
0x02C1 0260
VDVINT
Video Display Vertical Interrupt Register
0x02C0 0264
0x02C0 4264
0x02C0 8264
0x02C0 C264
0x02C1 0264
VDFBIT
Video Display Field Bit Register
Video Display Field 1Vertical Blanking Bit
0x02C0 0268
0x02C0 4268
0x02C0 8268
0x02C0 C268
0x02C1 0268
VDVBIT1
Register
Video Display Field 2Vertical Blanking Bit
0x02C0 026C
0x02C0 426C
0x02C0 826C
0x02C0 C26C
0x02C1 026C
VDVBIT2
Register
0x5000 0000
0x5400 0000
0x5800 0000
0x6000 0000
0x6400 0000
YSRCA
Y FIFO Source Register A
0x5000 0020
0x5400 0020
0x5800 0020
0x6000 0020
0x6400 0020
CBSRCA
CB FIFO Source Register A
0x5000 0040
0x5400 0040
0x5800 0040
0x6000 0040
0x6400 0040
CRSRCA
CR FIFO Source Register A
0x5000 0080
0x5400 0080
0x5800 0080
0x6000 0080
0x6400 0080
YDSTA
Y FIFO Destination Register A
0x5000 00A0
0x5400 00A0
0x5800 00A0
0x6000 00A0
0x6400 00A0
CBDST
CB FIFO Destination Register
0x5000 00C0
0x5400 00C0
0x5800 00C0
0x6000 00C0
0x6400 00C0
CRDST
CR FIFO Destination Register
0x5200 0000
0x5600 0000
0x5A00 0000
0x6200 0000
0x6600 0000
YSRCB
Y FIFO Source Register B
0x5200 0020
0x5600 0020
0x5A00 0020
0x6200 0020
0x6600 0020
CBSRCB
CB FIFO Source Register B
0x5200 0040
0x5600 0040
0x5A00 0040
0x6200 0040
0x6600 0040
CRSRCB
CR FIFO Source Register B
0x5200 0080
0x5600 0080
0x5A00 0080
0x6200 0080
0x6600 0080
YDSTB
Y FIFO Destination Register B
120
Peripheral Information and Electrical Specifications
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com