Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP16331 Datasheet HTML 25Page - Microchip Technology MCP16331 Datasheet HTML 26Page - Microchip Technology MCP16331 Datasheet HTML 27Page - Microchip Technology MCP16331 Datasheet HTML 28Page - Microchip Technology MCP16331 Datasheet HTML 29Page - Microchip Technology MCP16331 Datasheet HTML 30Page - Microchip Technology MCP16331 Datasheet HTML 31Page - Microchip Technology MCP16331 Datasheet HTML 32Page - Microchip Technology MCP16331 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
 2014 Microchip Technology Inc.
DS20005308B-page 29
MCP16331
FIGURE 6-4:
Typical Application 10V to 16V VIN to 2.5V VOUT.
CB
SW
BOOST
GND
EN
FB
L
Boost Diode
FW Diode
2.5V
10V to 16V
DZ
CZ
MCP16331
RBOT
RTOP
VOUT
RZ
VIN
CIN
VIN
COUT
Component
Value
Manufacturer
Part Number
Comment
CIN
2 x 10 µF
Taiyo Yuden
JMK212B7106KG-T
Cap. ceramic 10 µF 25V X7R 10% 1206
COUT
22 µF
Taiyo Yuden
JMK316B7226ML-T
Cap. ceramic 22 µF 6.3V X7R 1206
L
12 µH
Coilcraft
LPS4414-123MLB
LPS4414 12 µH shielded power inductor
RTOP
21.5 k
Panasonic-ECG
ERJ-3EKF2152V
Res. 21.5 KΩ 1/10W 1% 0603 SMD
RBOT
10 k
Panasonic-ECG
ERJ-3EKF1002V
Res. 10.0 KΩ 1/10W 1% 0603 SMD
FW Diode
DFLS120
Diodes Inc.
DFLS120L-7
Diode Schottky 20V 1A POWERDI123
Boost Diode
1N4148
Diodes Inc.
1N4448WS-7-F
Diode switch 75V 200 mW SOD-323
CB
100 nF
AVX Corp.
0603YC104KAT2A
Cap. 0.1 µF 16V ceramic X7R 0603 10%
DZ
7.5V Zener
Diodes Inc.
MMSZ5236BS-7-F
Diode Zener 7.5V 200 mW SOD-323
CZ
1 µF
Taiyo Yuden
LMK107B7105KA-T
Cap. ceramic 1.0UF 10V X7R 0603
RZ
1 k
Panasonic-ECG
ERJ-8ENF1001V
Res. 1.00K Ohm 1/4W 1% 1206 SMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com