Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP16331 Datasheet HTML 16Page - Microchip Technology MCP16331 Datasheet HTML 17Page - Microchip Technology MCP16331 Datasheet HTML 18Page - Microchip Technology MCP16331 Datasheet HTML 19Page - Microchip Technology MCP16331 Datasheet HTML 20Page - Microchip Technology MCP16331 Datasheet HTML 21Page - Microchip Technology MCP16331 Datasheet HTML 22Page - Microchip Technology MCP16331 Datasheet HTML 23Page - Microchip Technology MCP16331 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
MCP16331
DS20005308B-page 20
 2014 Microchip Technology Inc.
5.7
Freewheeling Diode
The freewheeling diode creates a path for inductor cur-
rent flow after the internal switch is turned off. The aver-
age diode current is dependent upon output load
current at duty cycle (D). The efficiency of the converter
is a function of the forward drop and speed of the free-
wheeling diode. A low forward drop Schottky diode is
recommended. The current rating and voltage rating of
the diode is application dependent. The diode voltage
rating should be a minimum of VIN, plus margin. The
average diode current can be calculated using
Equation 5-6.
EQUATION 5-6:
DIODE AVERAGE
CURRENT
TABLE 5-3:
MCP16331 RECOMMENDED
3.3V INDUCTORS
Part Number
Size
WxLxH
(mm)
Coilcraft®
ME3220-153
15
0.52
0.90
3.2x2.5x2.0
LPS4414-153
15
0.440 0.92
4.4x4.4x1.4
LPS6235-153
15
0.125 2.00
6.2x6.2x3.5
MSS6132-153
15
0.106 1.56
6.1x6.1x3.2
MSS7341-153
15
0.055 1.78
6.6x6.6x4.1
LPS3015-153
15
0.700 0.62
3.0x3.0x1.5
Wurth Elektronik®
744025150
15
0.400 0.900 2.8x2.8x2.8
744042150
15
0.22
0.75
4.8x4.8x1.8
7447779115
15
0.081
2.2
7.3x7.3x4.5
Coiltronics®
SD12-150R
15
0.408 0.692 5.2x5.2x1.2
SD3118-150-R
15
0.44
0.75
3.2x3.2x1.8
SD52-150-R
15
0.161 0.88
5.2x5.5.2.0
Sumida®
CDPH4D19FNP
-150MC
15
0.075 0.66
5.2x5.2x2.0
CDRH3D16/
HPNP-150MC
15
0.410 0.65
4.0x4.0x1.8
TDK - EPCOS®
B82462G4153M
15
0.097 1.05
6.3x6.3x3
TABLE 5-4:
MCP16331 RECOMMENDED
5V INDUCTORS
Part Number
Size
WxLxH
(mm)
Coilcraft®
ME3220-223
22
0.787 0.71
3.2x2.5x2.0
LPS4414-223
22
0.59
0.74
4.4x4.4x1.4
LPS6235-223
22
0.145
1.7
6.2x6.2x3.5
MSS6132-223
22
0.158 1.22
6.1x6.1x3.2
MSS7341-223
22
0.082 1.42
6.6x6.6x4.1
LPS3015-223
22
0.825
0.5
3.0x3.0x1.5
Wurth Elektronik®
744025220
22
0.575 0.75
2.8x2.8x2.8
744042220
22
0.3
0.6
4.8x4.8x1.8
7447779122
22
0.11
1.7
7.3x7.3x4.5
Cooper Bussman®
SD12-220-R
22
0.633 0.574 5.2x5.2x1.2
SD3118-220-R
22
0.676 0.61
3.2x3.2x1.8
SD52-220-R
22
0.204 0.73
5.2x5.2x2
Sumida®
CDPH4D19FNP
-220MC
22
0.135 0.54
5.2x5.2x2
CDRH3D16/
HPNP-220MC
22
0.61
0.55
4.0x4.0x1.8
TDK - EPCOS®
82462G4223M
22
0.15
0.85
6.3x6.3x3
I
DAVG
1D
–
 I
OUT
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com