Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 3 Page - Microchip Technology

  MCP16331 Datasheet HTML 1Page - Microchip Technology MCP16331 Datasheet HTML 2Page - Microchip Technology MCP16331 Datasheet HTML 3Page - Microchip Technology MCP16331 Datasheet HTML 4Page - Microchip Technology MCP16331 Datasheet HTML 5Page - Microchip Technology MCP16331 Datasheet HTML 6Page - Microchip Technology MCP16331 Datasheet HTML 7Page - Microchip Technology MCP16331 Datasheet HTML 8Page - Microchip Technology MCP16331 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2014 Microchip Technology Inc.
DS20005308B-page 3
MCP16331
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN, SW ............................................................... -0.5V to 54V
BOOST – GND ................................................... -0.5V to 60V
BOOST – SW Voltage........................................ -0.5V to 6.0V
VFB Voltage ........................................................ -0.5V to 6.0V
EN Voltage ............................................. -0.5V to (VIN + 0.3V)
Output Short Circuit Current ................................. Continuous
Power Dissipation ....................................... Internally Limited
Storage Temperature ................................... -65oC to +150oC
Ambient Temperature with Power Applied ... -40oC to +125oC
Operating Junction Temperature.................. -40oC to +160oC
ESD Protection on All Pins:
HBM..................................................................... 4 kV
MM ......................................................................300V
† Notice:
Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated
in
the
operational
sections
of
this
specification is not intended. Exposure to maximum
rating conditions for extended periods may affect
device reliability.
DC CHARACTERISTICS
Electrical Characteristics:
Unless otherwise indicated, TA = +25°C, VIN = VEN = 12V, VBOOST - VSW = 3.3V, 
VOUT = 3.3V, IOUT = 100 mA, L = 15 µH, COUT = CIN = 2 X 10 µF X7R Ceramic Capacitors
Boldface
specifications apply over the TA range of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Voltage
VIN
4.4
50
V
Note 1
Feedback Voltage
VFB
0.784
0.800
0.816
V
Output Voltage Adjust Range
VOUT
2.0
24
V
Note 1, Note 3
Feedback Voltage
Line Regulation
VFB/VFB)/VIN|
0.002
0.1
%/V
VIN = 5V to 50V
Feedback Voltage
Load Regulation
VFB/VFB|
0.13
0.35
%
IOUT= 50 mA to
500 mA
Feedback Input Bias Current
IFB
+/- 3
nA
Undervoltage Lockout Start
UVLOSTRT
4.1
4.4
V
VIN Rising
Undervoltage Lockout Stop
UVLOSTOP
3
3.6
V
VIN Falling
Undervoltage Lockout
Hysteresis
UVLOHYS
0.5
V
Switching Frequency
fSW
425
500
550
kHz
Maximum Duty Cycle
DCMAX
90
93
%
VIN = 5V; VFB = 0.7V;
IOUT = 100 mA
Minimum Duty Cycle
DCMIN
1
%
Note 4
NMOS Switch On Resistance
RDS(ON)
0.6
VBOOST - VSW = 5V,
Note 3
NMOS Switch Current Limit
IN(MAX)
1.3
A
VBOOST - VSW = 5V,
Note 3
Quiescent Current
IQ
1
1.7
mA
VIN = 12V; Note 2
Quiescent Current - Shutdown
IQ
6
10
A
VOUT = EN = 0V
Output Current
IOUT
500
mA
Note 1; see Figure 2-9
EN Input Logic High
VIH
1.9
V
Note
1:
The input voltage should be > output voltage + headroom voltage; higher load currents increase the input voltage
necessary for regulation. See characterization graphs for typical input to output operating voltage range.
2:
VBOOST supply is derived from VOUT.
3:
Determined by characterization, not production tested.
4:
This is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com