Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP16331 Datasheet HTML 26Page - Microchip Technology MCP16331 Datasheet HTML 27Page - Microchip Technology MCP16331 Datasheet HTML 28Page - Microchip Technology MCP16331 Datasheet HTML 29Page - Microchip Technology MCP16331 Datasheet HTML 30Page - Microchip Technology MCP16331 Datasheet HTML 31Page - Microchip Technology MCP16331 Datasheet HTML 32Page - Microchip Technology MCP16331 Datasheet HTML 33Page - Microchip Technology MCP16331 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
MCP16331
DS20005308B-page 30
 2014 Microchip Technology Inc.
FIGURE 6-5:
Typical Application 4V to 50V VIN to 3.3V VOUT at 150 mA.
CB
SW
BOOST
GND
EN
FB
L
VIN
Boost Diode
FW Diode
3.3V
4V to 50V
CIN
RTOP
VOUT
VIN
COUT
RBOT
MCP16331
Component
Value
Manufacturer
Part Number
Comment
CIN
2 x 10 µF
TDK
C5750X7S2A106M230KB Capacitor, 10 µF, 100V, X7S, 2220
COUT
10 µF
Taiyo Yuden
JMK107BJ106MA-T
Cap. ceramic 10 µF 6.3V X5R 0603
L
15 µH
Coilcraft
LPS3015-153MLB
Inductor power 15 µH 0.61A SMD
RTOP
31.6 k
Panasonic-ECG
ERJ-2RKF3162X
Res. 31.6 KΩ 1/10W 1% 0402 SMD
RBOT
10 k
Panasonic-ECG
ERJ-3EKF1002V
Res. 10.0 KΩ 1/10W 1% 0603 SMD
FW Diode
BAT46WH
NXP
BAT46WH
BAT46WH - DIODE, SCHOTTKY,
100V, 0.25A, SOD123F
Boost Diode
1N4148
Diodes Inc.
1N4448WS-7-F
Diode switch 75V 200 mW SOD-323
CB
100 nF
TDK Corp.
C1005X5R0J104M
Cap. ceramic 0.10 µF 6.3V X5R 0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com