Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP16331 Datasheet HTML 4Page - Microchip Technology MCP16331 Datasheet HTML 5Page - Microchip Technology MCP16331 Datasheet HTML 6Page - Microchip Technology MCP16331 Datasheet HTML 7Page - Microchip Technology MCP16331 Datasheet HTML 8Page - Microchip Technology MCP16331 Datasheet HTML 9Page - Microchip Technology MCP16331 Datasheet HTML 10Page - Microchip Technology MCP16331 Datasheet HTML 11Page - Microchip Technology MCP16331 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MCP16331
DS20005308B-page 8
 2014 Microchip Technology Inc.
Note:
Unless otherwise indicated, VIN = EN = 12V, COUT = CIN = 2 X10 µF, L = 15 µH, VOUT = 3.3V, ILOAD = 100 mA,
TA = +25°C, 6-Lead SOT-23 package.
FIGURE 2-19:
Input Quiescent Current vs.
VIN.
FIGURE 2-20:
Shutdown Current vs. VIN.
FIGURE 2-21:
PWM/Skipping I
OUT
Threshold vs V
IN.
FIGURE 2-22:
Switching Frequency vs.
Temperature.
FIGURE 2-23:
Minimum Input Voltage vs
Output Current.
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
5
101520253035404550
V
IN (V)
V
OUT = 3.3V
3
6
9
12
15
18
5
101520253035404550
V
IN (V)
V
OUT = 3.3V
0
5
10
15
20
5
101520253035404550
V
IN (V)
V
OUT = 5V
V
OUT = 3.3V
450
475
500
525
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
V
IN = 12V
V
OUT = 3.3V
I
OUT = 200 mA
3.5
3.7
3.9
4.1
4.3
0
0.1
0.2
0.3
0.4
0.5
Output Current (A)
To Start
To Stop
V
OUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com