Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP16331 Datasheet HTML 2Page - Microchip Technology MCP16331 Datasheet HTML 3Page - Microchip Technology MCP16331 Datasheet HTML 4Page - Microchip Technology MCP16331 Datasheet HTML 5Page - Microchip Technology MCP16331 Datasheet HTML 6Page - Microchip Technology MCP16331 Datasheet HTML 7Page - Microchip Technology MCP16331 Datasheet HTML 8Page - Microchip Technology MCP16331 Datasheet HTML 9Page - Microchip Technology MCP16331 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MCP16331
DS20005308B-page 6
 2014 Microchip Technology Inc.
Note:
Unless otherwise indicated, VIN = EN = 12V, COUT = CIN = 2 X10 µF, L = 15 µH, VOUT = 3.3V, ILOAD = 100 mA,
TA = +25°C, 6-Lead SOT-23 package.
FIGURE 2-7:
12V VOUT Efficiency vs. VIN.
FIGURE 2-8:
24V VOUT Efficiency vs. VIN.
FIGURE 2-9:
Max IOUT vs. VIN.
FIGURE 2-10:
VFB vs. Temperature.
FIGURE 2-11:
Peak Current Limit vs.
Temperature.
FIGURE 2-12:
Switch RDSON vs.
Temperature.
0
10
20
30
40
50
60
70
80
90
100
14
18
22
26
30
34
38
42
46
50
V
IN (V)
I
OUT = 10 mA
I
OUT = 100 mA
I
OUT = 500 mA
0
10
20
30
40
50
60
70
80
90
100
26
30
34
38
42
46
50
V
IN (V)
I
OUT = 10 mA
I
OUT = 100 mA
I
OUT = 500 mA
0
200
400
600
800
1000
1200
1400
6
10141822263034384246
50
V
IN (V)
V
OUT = 3.3V
V
OUT = 5V
V
OUT = 12V
V
OUT = 24V
0.78
0.79
0.8
0.81
0.82
0.83
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)
V
IN =12V
V
OUT = 3.3V
I
OUT = 100 mA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
V
OUT = 3.3V
V
OUT = 5V
V
OUT = 12V
0
0.2
0.4
0.6
0.8
1
1.2
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
V
IN = 6V
V
OUT=VBOOST= 3.3V
I
OUT = 200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com