Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 2 Page - Microchip Technology

  MCP16331 Datasheet HTML 1Page - Microchip Technology MCP16331 Datasheet HTML 2Page - Microchip Technology MCP16331 Datasheet HTML 3Page - Microchip Technology MCP16331 Datasheet HTML 4Page - Microchip Technology MCP16331 Datasheet HTML 5Page - Microchip Technology MCP16331 Datasheet HTML 6Page - Microchip Technology MCP16331 Datasheet HTML 7Page - Microchip Technology MCP16331 Datasheet HTML 8Page - Microchip Technology MCP16331 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MCP16331
DS20005308B-page 2
 2014 Microchip Technology Inc.
Typical Applications
VIN
GND
VFB
SW
VIN
6.0V to 50V
VOUT
5.0V at 500 mA
COUT
2 X10 µF
CIN
2x10 µF
L1
22 µH
BOOST
52.3 k
10 k
EN
1N4148
100V
Schottky
Diode
CBOOST
100 nF
VIN
GND
VFB
SW
VIN
4.5V to 50V
VOUT
3.3V at 500 mA
COUT
2 X10 µF
CIN
2x10 µF
L1
15 µH
BOOST
31.6 k
10 k
EN
1N4148
100V
Schottky
Diode
CBOOST
100 nF
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VOUT=3.3V
VOUT=5V
VIN=12V
Note:
EN has an internal pull up, so the device will start even if the EN pin is left floating
20 pF
20 pF
optional
optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com